Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RYB002N05 Datasheet(PDF) 4 Page - Rohm

Part # RYB002N05
Description  0.9V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RYB002N05 Datasheet(HTML) 4 Page - Rohm

  RYB002N05 Datasheet HTML 1Page - Rohm RYB002N05 Datasheet HTML 2Page - Rohm RYB002N05 Datasheet HTML 3Page - Rohm RYB002N05 Datasheet HTML 4Page - Rohm RYB002N05 Datasheet HTML 5Page - Rohm RYB002N05 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
RYB002N05
 
0.01
0.1
1
0
0.5
1
1.5
VGS=0V
Pulsed
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= 25°C
0.1
1
10
0.01
0.1
1
VDS= 10V
Pulsed
Ta=25°C
Ta=25°C
Ta=75°C
Ta=125°C
1
10
100
1000
0.01
0.1
1
tf
td(on)
td(off)
Ta=25°C
VDD=25V
VGS=4.5V
RG=10Ω
Pulsed
tr
0
1
2
3
4
0
0.5
1
1.5
0
1000
2000
3000
4000
5000
024
68
Ta=25°C
Pulsed
ID= 0.20A
ID= 0.01A
Fig.14 Typical Capacitance
vs. Drain-Source Voltage
Fig.13 Switching Characteristics
DRAIN-CURRENT : ID[A]
1
10
100
1000
0.01
0.1
1
10
100
Ciss
Coss
Crss
Ta=25°C
f=1MHz
VGS=0V
Fig.15 Typical Capacitance
vs. Drain-Source Voltage
DRAIN-SOURCE VOLTAGE : VDS[V]
TOTAL GATE CHARGE : Qg [nC]
Fig.12 Static Drain-Source On-State
Resistance vs. Gate Source Voltage
GATE-SOURCE VOLTAGE : VGS[V]
Fig.11 Reverse Drain Current
vs. Sourse-Drain Voltage
SOURCE-DRAIN VOLTAGE : VSD [V]
Fig.10 Forward Transfer Admittance
vs. Drain Current
DRAIN-CURRENT : ID[A]
Ta=25°C
VDD=25V
ID= 0.2A
RG=10Ω
Pulsed
4/5
2010.08 - Rev.A


Similar Part No. - RYB002N05

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
RYBS2J5 NIUHANG-RYBS2J5 Datasheet
373Kb / 3P
   FAST RECOVERY BRIDGE RECTIFIERS
RYBS2K5 NIUHANG-RYBS2K5 Datasheet
373Kb / 3P
   FAST RECOVERY BRIDGE RECTIFIERS
RYBS2M5 NIUHANG-RYBS2M5 Datasheet
373Kb / 3P
   FAST RECOVERY BRIDGE RECTIFIERS
RYBS3006 NIUHANG-RYBS3006 Datasheet
506Kb / 5P
   FAST RECOVERY BRIDGE RECTIFIERS
RYBS3006L NIUHANG-RYBS3006L Datasheet
414Kb / 3P
   FAST RECOVERY LOW VF BRIDGE
More results

Similar Description - RYB002N05

ManufacturerPart #DatasheetDescription
logo
Rohm
EM6K34 ROHM-EM6K34 Datasheet
292Kb / 6P
   0.9V Drive Nch Nch MOSFET
UM6K34N ROHM-UM6K34N Datasheet
1Mb / 7P
   0.9V Drive Nch Nch MOSFET
RYU002N05 ROHM-RYU002N05 Datasheet
981Kb / 6P
   0.9V Drive Nch MOSFET
logo
ZP Semiconductor
RYC002N05T316 ZPSEMI-RYC002N05T316 Datasheet
547Kb / 2P
   0.9V Drive Nch MOSFET
logo
Rohm
RYC002N05 ROHM-RYC002N05 Datasheet
1Mb / 7P
   0.9V Drive Nch MOSFET
RYE002N05 ROHM-RYE002N05 Datasheet
309Kb / 6P
   0.9V Drive Nch MOSFET
RYM002N05 ROHM-RYM002N05 Datasheet
322Kb / 6P
   0.9V Drive Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com