Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RW1E025RP Datasheet(PDF) 2 Page - Rohm

Part # RW1E025RP
Description  4V Drive Pch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RW1E025RP Datasheet(HTML) 2 Page - Rohm

  RW1E025RP Datasheet HTML 1Page - Rohm RW1E025RP Datasheet HTML 2Page - Rohm RW1E025RP Datasheet HTML 3Page - Rohm RW1E025RP Datasheet HTML 4Page - Rohm RW1E025RP Datasheet HTML 5Page - Rohm RW1E025RP Datasheet HTML 6Page - Rohm RW1E025RP Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RW1E025RP
 
Electrical characteristics (Ta = 25
C)
Symbol
Min.
Typ.
Max.
Unit
Gate-source leakage
IGSS
--
10
AVGS=20V, VDS=0V
Drain-source breakdown voltage V(BR)DSS
30
-
-
V
ID=1mA, VGS=0V
Zero gate voltage drain current
IDSS
--
1
AVDS=30V, VGS=0V
Gate threshold voltage
VGS (th)
1.0
-
2.5
V
VDS=10V, ID=1mA
-55
75
ID=2.5A, VGS=10V
-
85
115
ID=1.2A, VGS=4.5V
-
95
125
ID=1.2A, VGS=4V
Forward transfer admittance
l Yfs l
1.5
-
-
S
ID=2.5A, VDS=10V
Input capacitance
Ciss
-
480
-
pF
VDS=10V
Output capacitance
Coss
-
70
-
pF
VGS=0V
Reverse transfer capacitance
Crss
-
70
-
pF
f=1MHz
Turn-on delay time
td(on)
-7
-
ns
ID=1.2A, VDD 15V
Rise time
tr
-
12
-
ns
VGS=10V
Turn-off delay time
td(off)
-
50
-
ns
RL=12.5
Fall time
tf
-
22
-
ns
RG=10
Total gate charge
Qg
-
5.2
-
nC ID=2.5A
Gate-source charge
Qgs
-
1.6
-
nC VDD 15V
Gate-drain charge
Qgd
-
1.6
-
nC VGS=5V
*Pulsed
Body diode characteristics (Source-Drain) (Ta = 25
C)
Symbol
Min.
Typ.
Max. Unit
Forward Voltage
VSD
--
1.2
V
Is=2.5A, VGS=0V
*Pulsed
Conditions
Conditions
m
Parameter
Parameter
Static drain-source on-state
resistance
RDS (on)
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
********
*
*
*
2/6
2011.03 - Rev.A


Similar Part No. - RW1E025RP

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RW1E025RP VBSEMI-RW1E025RP Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
More results

Similar Description - RW1E025RP

ManufacturerPart #DatasheetDescription
logo
Rohm
QS8J5 ROHM-QS8J5 Datasheet
285Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65_11 Datasheet
200Kb / 6P
   4V Drive PchPch MOSFET
SH8J62 ROHM-SH8J62 Datasheet
185Kb / 6P
   4V Drive PchPch MOSFET
QS8J4 ROHM-QS8J4 Datasheet
345Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J62TB1 ROHM-SH8J62TB1 Datasheet
140Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65 Datasheet
233Kb / 6P
   4V Drive PchPch MOSFET
SH8J66 ROHM-SH8J66 Datasheet
206Kb / 6P
   4V Drive PchPch MOSFET
RSJ250P10FRA ROHM-RSJ250P10FRA Datasheet
482Kb / 9P
   4V Drive Pch MOSFET
RRH075P03 ROHM-RRH075P03 Datasheet
209Kb / 6P
   4V Drive Pch MOSFET
TT8J2 ROHM-TT8J2_09 Datasheet
216Kb / 6P
   4V Drive Pch MOSFET
UM6J1N ROHM-UM6J1N_09 Datasheet
168Kb / 4P
   4V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com