Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH52256CH Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH52256CH
Description  CMOS 256K (32K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH52256CH Datasheet(HTML) 2 Page - Sharp Corporation

  LH52256CH Datasheet HTML 1Page - Sharp Corporation LH52256CH Datasheet HTML 2Page - Sharp Corporation LH52256CH Datasheet HTML 3Page - Sharp Corporation LH52256CH Datasheet HTML 4Page - Sharp Corporation LH52256CH Datasheet HTML 5Page - Sharp Corporation LH52256CH Datasheet HTML 6Page - Sharp Corporation LH52256CH Datasheet HTML 7Page - Sharp Corporation LH52256CH Datasheet HTML 8Page - Sharp Corporation LH52256CH Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
A4
A3
52256C-2
MEMORY
ARRAY
(512 x 512)
A5
ROW
DECORDER
WE
A6
A7
27
A12
VCC
GND
OE 22
28
14
A13
CE 20
COLUMN I/O
CIRCUIT
COLUMN
DECODER
OUTPUT
BUFFERS
I/O1
11
12
13
15
16
17
18
19
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
10 9
8
21 24 23
INPUT
DATA
CONTROL
26
2
3
4
5
6
7
A0 A1 A2 A10 A9 A11
A14
A8 25
1
8
8
Figure 3. LH52256C Block Diagram
PIN DESCRIPTION
SIGNAL
PIN NAME
A0 - A14
Address inputs
CE
Chip enable
WE
Write enable
OE
Output enable
SIGNAL
PIN NAME
I/O1 - I/O8
Data inputs and outputs
VCC
Power supply
GND
Ground
LH52256C/CH
CMOS 256K (32K
× 8) Static RAM
2


Similar Part No. - LH52256CH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH52256CH-85LL SHARP-LH52256CH-85LL Datasheet
700Kb / 15P
   256K SRAM
LH52256CHN-85LL SHARP-LH52256CHN-85LL Datasheet
454Kb / 17P
   256K SRAM
LH52256CHT-85LL SHARP-LH52256CHT-85LL Datasheet
438Kb / 16P
   256K SRAM
More results

Similar Description - LH52256CH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
logo
Sharp Corporation
LH51256L SHARP-LH51256L Datasheet
430Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
LH52B256 SHARP-LH52B256 Datasheet
469Kb / 11P
   CMOS 256K (32K x 8) Static RAM
LH5P832 SHARP-LH5P832 Datasheet
95Kb / 9P
   CMOS 256K (32K x 8) Pseudo-Static RAM
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S Datasheet
78Kb / 9P
   CMOS STATIC RAM 256K (32K x 8-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com