Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH52256C Datasheet(PDF) 4 Page - Sharp Corporation

Part # LH52256C
Description  CMOS 256K (32K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH52256C Datasheet(HTML) 4 Page - Sharp Corporation

  LH52256C Datasheet HTML 1Page - Sharp Corporation LH52256C Datasheet HTML 2Page - Sharp Corporation LH52256C Datasheet HTML 3Page - Sharp Corporation LH52256C Datasheet HTML 4Page - Sharp Corporation LH52256C Datasheet HTML 5Page - Sharp Corporation LH52256C Datasheet HTML 6Page - Sharp Corporation LH52256C Datasheet HTML 7Page - Sharp Corporation LH52256C Datasheet HTML 8Page - Sharp Corporation LH52256C Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DC ELECTRICAL CHARACTERISTICS (TA = 0°C to +70°C, VCC = 4.5 V to 5.5 V)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input leakage
current
ILI
VIN = 0 V to VCC
–1.0
1.0
µA
Output leakage
current
ILO
CE = VIH or OE = VIH
VI/O = 0 V to VCC
–1.0
1.0
µA
Operating supply
current
ICC
Minimum cycle, VIN = VIL or VIH
II/O = 0 mA, CE = VIL
25
45.0
mA
ICC1
tRC, tWC = 1 µs, VIN = VIL or VIH,
II/O = 0 mA, CE = VIL

10.0
Standby current
ISB
CE
≥ VCC – 0.2 V
0.6
40.0
µA
ISB1
CE = VIH

3.0
mA
Output voltage
VOL
IOL = 2.1 mA

0.4
V
VOH
IOH = -1.0 mA
2.4

NOTE:
Typical values at VCC = 5.0 V, TA = 25°C
AC ELECTRICAL CHARACTERISTICS
AC Test Conditions
PARAMETER
MODE
NOTE
Input pulse level
0.6 V to 2.4 V
Input rise and fall time
10 ns
Input and output timing Ref. level
1.5 V
Output load
1 TTL + CL (100 pF)
1
NOTE:
1.
Including scope and jig capacitance.
READ CYCLE (TA = 0°C to +70°C, VCC = 4.5 V to 5.5 V)
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
NOTE
Read cycle time
tRC
70
ns
Address access time
tAA
70
ns
CE access time
tACE
70
ns
Output enable to output valid
tOE
35
ns
Output hold from address change
tOH
10
ns
CE Low to output active
tLZ
10
ns
1
OE Low to output active
tOLZ
5
ns
1
CE High to output in High impedance
tHZ
030
ns
1
OE High to output in High impedance
tOHZ
030
ns
1
NOTES:
1.
Active output to high-impedance and high-impedance to output active tests specified for a
±200 mV
transition from steady state levels into the test load.
LH52256C/CH
CMOS 256K (32K
× 8) Static RAM
4


Similar Part No. - LH52256C

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
109Kb / 12P
   32,768 쨈 8 bit organization
LH52256C-10LL SHARP-LH52256C-10LL Datasheet
727Kb / 16P
   256K SRAM
LH52256C-70LL SHARP-LH52256C-70LL Datasheet
109Kb / 12P
   32,768 쨈 8 bit organization
LH52256CH-85LL SHARP-LH52256CH-85LL Datasheet
700Kb / 15P
   256K SRAM
LH52256CHN-85LL SHARP-LH52256CHN-85LL Datasheet
454Kb / 17P
   256K SRAM
More results

Similar Description - LH52256C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
logo
Sharp Corporation
LH51256L SHARP-LH51256L Datasheet
430Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
LH52B256 SHARP-LH52B256 Datasheet
469Kb / 11P
   CMOS 256K (32K x 8) Static RAM
LH5P832 SHARP-LH5P832 Datasheet
95Kb / 9P
   CMOS 256K (32K x 8) Pseudo-Static RAM
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S Datasheet
78Kb / 9P
   CMOS STATIC RAM 256K (32K x 8-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com