Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LH52256C Datasheet(PDF) 3 Page - Sharp Electrionic Components

Part No. LH52256C
Description  CMOS 256K (32K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

 
 3 page
background image
TRUTH TABLE
CE
WE
OE
MODE
I/O1 - I/O8
SUPPLY CURRENT
NOTE
H
X
X
Standby
High impedance
Standby (ISB)1
L
H
L
Read
Data output
Active (ICC)1
L
H
H
Output disable
High impedance
Active (ICC)1
L
L
X
Write
Data input
Active (ICC)1
NOTE:
1.
X = Don’t care, L = Low, H = High
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
NOTE
Supply voltage
VCC
–0.5 to +7.0
V
1
Input voltage
VIN
–0.5 to VCC + 0.5
V
1, 2
Operating temperature
TOPR
0 to +70
°C
Storage temperature
TSTG
–65 to +150
°C
NOTES:
1.
The maximum applicable voltage on any pin with respect to GND.
2.
Undershoot of -3.0 V is allowed width of pulse below 50 ns.
RECOMMENDED DC OPERATING CONDITIONS (TA = 0°C to +70°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTE
Supply voltage
VCC
4.5
5.0
5.5
V
Input voltage
VIH
2.2
VCC + 0.5
V
VIL
–0.5
0.8
V
1
NOTE:
1.
Undershoot of -3.0 V is allowed width of pulse below 50 ns.
CMOS 256K (32K
× 8) Static RAM
LH52256C/CH
3




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LH51256CMOS 256K 32K X 8 STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LH51256LCMOS 256K 32K X 8 STATIC RAM 1 2 3 4 5 MoreSharp Electrionic Components
IDT71256SCMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
IDT71256SACMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
IDT71256SA70CMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
LH52B256CMOS 256K 32K x 8 Static RAM 1 2 3 4 5 MoreSharp Electrionic Components
61LV25616AL256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IC61C256AH32K x 8 HIGH-SPEED CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IS62LV2568LL256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IC62LV2568L256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl