Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LH52256C Datasheet(PDF) 2 Page - Sharp Electrionic Components

Part No. LH52256C
Description  CMOS 256K (32K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

 
 2 page
background image
A4
A3
52256C-2
MEMORY
ARRAY
(512 x 512)
A5
ROW
DECORDER
WE
A6
A7
27
A12
VCC
GND
OE 22
28
14
A13
CE 20
COLUMN I/O
CIRCUIT
COLUMN
DECODER
OUTPUT
BUFFERS
I/O1
11
12
13
15
16
17
18
19
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
10 9
8
21 24 23
INPUT
DATA
CONTROL
26
2
3
4
5
6
7
A0 A1 A2 A10 A9 A11
A14
A8 25
1
8
8
Figure 3. LH52256C Block Diagram
PIN DESCRIPTION
SIGNAL
PIN NAME
A0 - A14
Address inputs
CE
Chip enable
WE
Write enable
OE
Output enable
SIGNAL
PIN NAME
I/O1 - I/O8
Data inputs and outputs
VCC
Power supply
GND
Ground
LH52256C/CH
CMOS 256K (32K
× 8) Static RAM
2




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LH51256CMOS 256K 32K X 8 STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LH51256LCMOS 256K 32K X 8 STATIC RAM 1 2 3 4 5 MoreSharp Electrionic Components
IDT71256SCMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
IDT71256SACMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
IDT71256SA70CMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
LH52B256CMOS 256K 32K x 8 Static RAM 1 2 3 4 5 MoreSharp Electrionic Components
61LV25616AL256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IC61C256AH32K x 8 HIGH-SPEED CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IS62LV2568LL256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IC62LV2568L256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl