Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LH52256C Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. LH52256C
Description  CMOS 256K (32K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

 
 1 page
background image
LH52256C/CH
CMOS 256K (32K
× 8) Static RAM
FEATURES
•• 32,768 × 8 bit organization
•• Access time: 70 ns (MAX.)
•• Supply current:
Operating: 45 mA (MAX.)
10 mA (MAX.) (tRC, tWC = 1 µs)
Standby: 40
µA (MAX.)
•• Data retention current: 1.0 µA (MAX.)
(VCCDR = 3 V, TA = 25°C)
•• Wide operating voltage range:
4.5 V
± 5.5 V
•• Operating temperature:
Commerical temperature 0
°C to +70°C
Industrial temperature -40° to +85°C
•• Fully-static operation
•• Three-state outputs
•• Not designed or rated as radiation
hardened
•• Package:
28-pin, 600-mil DIP
28-pin, 450-mil SOP
28-pin, 300-mil SK-DIP
28-pin, 8
× 3 mm2 TSOP (Type I)
•• N-type bulk silicon
DESCRIPTION
The LH52256C is a Static RAM organized as
32,768
× 8 bits which provides low-power standby
mode. It is fabricated using silicon-gate CMOS process
technology.
PIN CONNECTIONS
52256C-1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
WE
A9
A11
OE
A10
I/O6
I/O5
GND
I/O8
I/O7
CE
A13
A8
I/O1
I/O2
I/O3
I/O4
28-PIN DIP
28-PIN SK-DIP
28-PIN SOP
TOP VIEW
Figure 1. Pin Connections
2
3
4
5
6
9
10
7
8
A11
11
1
28
27
26
25
22
21
24
23
20
19
A10
28-PIN TSOP (Type I)
12
13
14
17
16
18
15
OE
A8
A9
A13
WE
A12
A14
I/O3
I/O2
A1
I/O8
CE
I/O6
I/O7
GND
I/O5
I/O4
I/O1
A0
52256C-8
VCC
A7
A6
A5
A4
A3
A2
NOTE: Reverse bend available on request.
Figure 2. TSOP (Type I) Pin Connections
1




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LH51256CMOS 256K 32K X 8 STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LH51256LCMOS 256K 32K X 8 STATIC RAM 1 2 3 4 5 MoreSharp Electrionic Components
IDT71256SCMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
IDT71256SACMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
IDT71256SA70CMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
LH52B256CMOS 256K 32K x 8 Static RAM 1 2 3 4 5 MoreSharp Electrionic Components
61LV25616AL256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IC61C256AH32K x 8 HIGH-SPEED CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IS62LV2568LL256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IC62LV2568L256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl