Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA2100AF-LF Datasheet(PDF) 2 Page - Z-Communications, Inc

Part # PSA2100AF-LF
Description  Fractional-N Phase-Locked Loop Surface Mount Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

PSA2100AF-LF Datasheet(HTML) 2 Page - Z-Communications, Inc

  PSA2100AF-LF_10 Datasheet HTML 1Page - Z-Communications, Inc PSA2100AF-LF_10 Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fractional- N Phase-Locked Loop
Surface Mount Module
PSA2100AF-LF
A1
Rev
Tuning Curve, typ.
1580
1620
1660
1700
1740
1780
1820
1860
1900
1940
1980
2020
2060
2100
2140
2180
2220
2260
2300
2340
2380
2420
012
3
456
789
10
11
12
13
TUNING VOLTAGE (Vdc)
Power Curve, typ.
Footprint
0.030 MIN. CUTBACK
FROM LIVE PADS
RECOMMENDED FOOTPRINT
SEVERAL HOLES OF
0.015 ON
GND. PLANE ARE RECOMMENDED
FOR GOOD GROUNDING.
O
°C
°C
°C
°C
-40
°C
85
°C
25
-40
85
25
-4
-3
-2
-1
0
1
2
3
4
1627 1720 1791 1852 1909 1964 2017 2070 2123 2177 2232 2285 2336 2382
FREQUENCY (MHz)
Physical Dimensions
17
19
15
13
1
2
3
4
810
12
24
22
20
5
6
7
911
14
16
18
21
23
PACKAGE
H
PLL-24S-H
0.220
0.140
PLL-24S
1
RF OUT
5
REF IN
7
CLOCK
PIN CONFIGURATION
REST GROUND
8
DATA
10
LOAD ENABLE
12
LOCK DETECT
13
Vcc
17
N/C
NOTE: ALL DIMENSIONS ARE IN INCHES
TOL: XXX: +/- 0.010
PHASE NOISE (1 Hz BW, typical)
OFFSET (Hz)
Phase Noise, typ.
Page 2 of 2
FRM-S-002 B
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
URL: www.zcomm.com | EMAIL: applications@zcomm.com


Similar Part No. - PSA2100AF-LF_10

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA2100AF-LF ZCOMM-PSA2100AF-LF Datasheet
100Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
PSA2100AF-LF ZCOMM-PSA2100AF-LF Datasheet
100Kb / 2P
   Fractional-N Phase-Locked Loop
More results

Similar Description - PSA2100AF-LF_10

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA2150AF-LF ZCOMM-PSA2150AF-LF Datasheet
107Kb / 2P
   Fractional-N Phase-Locked Loop Surface Mount Module
PSA2150AF-LF ZCOMM-PSA2150AF-LF Datasheet
107Kb / 2P
   Fractional-N Phase-Locked Loop
PSA2100AF-LF ZCOMM-PSA2100AF-LF Datasheet
100Kb / 2P
   Fractional-N Phase-Locked Loop
PSA1450F-LF ZCOMM-PSA1450F-LF Datasheet
104Kb / 2P
   Fractional-N Phase-Locked Loop
PCA0090A ZCOMM-PCA0090A_14 Datasheet
78Kb / 2P
   Programmable Phase Locked Loop Surface Mount Module
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com