Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8631CGD3 Datasheet(PDF) 2 Page - C&K Components

Part # 8631CGD3
Description  Microminiature Pushbutton Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

8631CGD3 Datasheet(HTML) 2 Page - C&K Components

  8631CGD3 Datasheet HTML 1Page - C&K Components 8631CGD3 Datasheet HTML 2Page - C&K Components 8631CGD3 Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A-72
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
8600 Series
Microminiature Pushbutton Switches
SWITCH FUNCTION
TERMINATIONS
PC MOUNTING
PANEL MOUNTING
N.C.
5 oz (140g) TYP.
.048 (1,22) TYP.
MOM.
ON
8633
SP
PANEL MOUNTING
N.O. with overtravel
6.25 oz (177g) TYP.
with overtravel
.024 (0,61) TYP.
.106 (2,69) TYP.
MOM.
OFF
8632
SP
PANEL MOUNTING
N.O.
5 oz (140g) TYP.
.040 (1,02) TYP.
MOM.
OFF
8631
SP
SCHEMATIC
ACTUATION
FORCE
TOTAL TRAVEL
SWITCH FUNCTION
POS. 1
POS. 2
MODEL
NO.
NO.
POLES
SPST
SPST
SPST
Part number shown: 8631ZQD2
Terminals Insert Molded
Part number shown: 8632ZQD2
Terminals Insert Molded
Part number shown: 8633ZQE2
8631, 8632 models only.
8633 models only.
8631, 8632 models only.
MOM. = Momentary
NOTE: Caps available for plunger options, see page A-73.
Z SOLDER LUG
C PC THRU-HOLE
Third Angle
Projection


Similar Part No. - 8631CGD3

ManufacturerPart #DatasheetDescription
logo
ITT Industries
8631CGD3 ITT-8631CGD3 Datasheet
194Kb / 3P
   Microminiature Pushbutton Switches
More results

Similar Description - 8631CGD3

ManufacturerPart #DatasheetDescription
logo
C&K Components
8600 CK-COMPONENTS-8600_V01 Datasheet
305Kb / 3P
   Microminiature Pushbutton Switches
2018
logo
ITT Industries
8600 ITT-8600 Datasheet
194Kb / 3P
   Microminiature Pushbutton Switches
logo
List of Unclassifed Man...
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
   Microminiature Slide Switches
MMS22R ETC2-MMS22R Datasheet
149Kb / 2P
   Microminiature Slide Switches
MJS12 ETC2-MJS12 Datasheet
130Kb / 2P
   Microminiature Slide Switches
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
   Microminiature Slide Switches
logo
C&K Components
SRKLBKEE CK-COMPONENTS-SRKLBKEE Datasheet
203Kb / 3P
   Microminiature SPDT, Key Switches
DIGITAST CK-COMPONENTS-DIGITAST Datasheet
311Kb / 3P
   Microminiature SPDT, Key Switches
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com