Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSD100N10 Datasheet(PDF) 3 Page - Rohm

Part # RSD100N10
Description  4V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSD100N10 Datasheet(HTML) 3 Page - Rohm

  RSD100N10 Datasheet HTML 1Page - Rohm RSD100N10 Datasheet HTML 2Page - Rohm RSD100N10 Datasheet HTML 3Page - Rohm RSD100N10 Datasheet HTML 4Page - Rohm RSD100N10 Datasheet HTML 5Page - Rohm RSD100N10 Datasheet HTML 6Page - Rohm RSD100N10 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSD100N10
 
Electrical characteristic curves (Ta=25
C)
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
Drain-Source Voltage : V
DS [V]
Fig.1 Typical Output Characteristics (Ⅰ)
V
GS=2.5V
V
GS=10.0V
V
GS=4.0V
V
GS=4.5V
V
GS=2.8V
V
GS=2.0V
T
a=25°C
pulsed
0
2
4
6
8
10
0
2
4
6
8
10
Drain-Source Voltage : V
DS [V]
Fig.2 Typical Output Characteristics (Ⅱ)
V
GS=2.5V
V
GS=10.0V
V
GS=4.0V
V
GS=4.5V
V
GS=2.8V
V
GS=2.0V
T
a=25°C
pulsed
10
100
1000
0.01
0.1
1
10
100
Drain Current : I
D [A]
Fig.3 Static Drain-Source On-State Resistance vs. Drain Current
V
GS=4.0V
V
GS=4.5V
V
GS=10V
T
a=25°C
pulsed
10
100
1000
0.01
0.1
1
10
100
Drain Current : I
D [A]
Fig.4 Static Drain-Source On-State Resistance vs. Drain Current
V
GS=10V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
10
100
1000
0.01
0.1
1
10
100
Drain Current : I
D [A]
Fig.5 Static Drain-Source On-State Resistance vs. Drain Current
V
GS=4.5V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
10
100
1000
0.01
0.1
1
10
100
Drain Current : I
D [A]
Fig.6 Static Drain-Source On-State Resistance vs. Drain Current
V
GS=4V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
3/6
2011.06 - Rev.A


Similar Part No. - RSD100N10

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
RSD100N10 DOINGTER-RSD100N10 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Rohm
RSD100N10FRA ROHM-RSD100N10FRA Datasheet
1Mb / 10P
   4V Drive Nch MOSFET
More results

Similar Description - RSD100N10

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com