Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8731SHZQE Datasheet(PDF) 2 Page - C&K Components

Part # 8731SHZQE
Description  Overtravel Pushbutton Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

8731SHZQE Datasheet(HTML) 2 Page - C&K Components

  8731SHZQE Datasheet HTML 1Page - C&K Components 8731SHZQE Datasheet HTML 2Page - C&K Components 8731SHZQE Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A-75
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
Third Angle
Projection
8700 Series
Overtravel Pushbutton Switches
SWITCH FUNCTION
PLUNGER
BUSHING
PANEL MOUNTING
N.O. with overtravel
SPST
2.2 oz TYP.
with overtravel
.350 TYP.
.390 (9,91) TYP.
MOM.
OFF
8732
SP
N.O. with overtravel
SPST
4.7 oz TYP.
with overtravel
.311 TYP.
.390 (9,91) TYP.
MOM.
OFF
8731
SP
SCHEMATIC
ACTUATION
FORCE
TOTAL TRAVEL
SWITCH FUNCTION
POS. 1
POS. 2
MODEL NO.
NO.
POLES
SPST
SPST
Part number shown: 8731SHZQE
Part number shown: 8732S1HZQE
MOM. = Momentary
S .390" HIGH, BRASS
H .250" HIGH
S1 .390" HIGH, PBT POLYESTER
Available with 8732 model only.
Available with 8731 model only.


Similar Part No. - 8731SHZQE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
8731SHZQE ITT-8731SHZQE Datasheet
198Kb / 3P
   Overtravel Pushbutton Switches
More results

Similar Description - 8731SHZQE

ManufacturerPart #DatasheetDescription
logo
C&K Components
8731 CK-COMPONENTS-8731 Datasheet
224Kb / 3P
   Overtravel Pushbutton Switches
8700 CK-COMPONENTS-8700_V01 Datasheet
233Kb / 3P
   Overtravel Pushbutton Switches
logo
ITT Industries
8700 ITT-8700 Datasheet
198Kb / 3P
   Overtravel Pushbutton Switches
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com