Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH5164AVH Datasheet(PDF) 10 Page - Sharp Corporation

Part # LH5164AVH
Description  CMOS 64K (8K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5164AVH Datasheet(HTML) 10 Page - Sharp Corporation

Back Button LH5164AVH Datasheet HTML 2Page - Sharp Corporation LH5164AVH Datasheet HTML 3Page - Sharp Corporation LH5164AVH Datasheet HTML 4Page - Sharp Corporation LH5164AVH Datasheet HTML 5Page - Sharp Corporation LH5164AVH Datasheet HTML 6Page - Sharp Corporation LH5164AVH Datasheet HTML 7Page - Sharp Corporation LH5164AVH Datasheet HTML 8Page - Sharp Corporation LH5164AVH Datasheet HTML 9Page - Sharp Corporation LH5164AVH Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DIMENSIONS IN MM [INCHES]
MAXIMUM LIMIT
MINIMUM LIMIT
28TSOP (TSOP028-P-0813)
28
1
28TSOP
14
15
0.28 [0.011]
0.12 [0.005]
0.55 [0.022]
TYP.
12.00 [0.472]
11.60 [0.457]
13.70 [0.539]
13.10 [0.516]
8.20 [0.323]
7.80 [0.307]
0.15 [0.006]
1.10 [0.043]
0.90 [0.035]
1.20 [0.047]
MAX.
12.60 [0.496]
12.20 [0.480]
0.20 [0.008]
0.10 [0.004]
0.20 [0.008]
0.00 [0.000]
1.10 [0.043]
0.90 [0.035]
0.425 [0.017]
0.20 [0.008]
0.00 [0.000]
0 - 10
°
DETAIL
0.425 [0.017]
28-pin, 8
× 13 mm2 TSOP (Type I)
LH5164AVH
Device Type
X
Package
5164AVH-8
CMOS 64K (8K x 8) Static RAM
N 28-pin, 450-mil SOP (SOP028-P-0450)
T 28-pin, 8 x 13 mm2 TSOP (Type I) (TSOP028-P-0813)
Example: LH5164AVHN (CMOS 64K (8K x 8) Static RAM, 28-pin, 450-mil SOP)
ORDERING INFORMATION
LH5164AVH
CMOS 64K (8K
× 8) Static RAM
10


Similar Part No. - LH5164AVH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results

Similar Description - LH5164AVH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
LH5268A SHARP-LH5268A Datasheet
91Kb / 10P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
logo
Intel Corporation
5164SL INTEL-5164SL Datasheet
329Kb / 9P
   64K (8K x 8) CMOS SLOW STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com