Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH5164AH Datasheet(PDF) 4 Page - Sharp Corporation

Part # LH5164AH
Description  CMOS 64K (8K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5164AH Datasheet(HTML) 4 Page - Sharp Corporation

  LH5164AH Datasheet HTML 1Page - Sharp Corporation LH5164AH Datasheet HTML 2Page - Sharp Corporation LH5164AH Datasheet HTML 3Page - Sharp Corporation LH5164AH Datasheet HTML 4Page - Sharp Corporation LH5164AH Datasheet HTML 5Page - Sharp Corporation LH5164AH Datasheet HTML 6Page - Sharp Corporation LH5164AH Datasheet HTML 7Page - Sharp Corporation LH5164AH Datasheet HTML 8Page - Sharp Corporation LH5164AH Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AC CHARACTERISTICS
1
(1) READ CYCLE (VCC = 5 V
±10%)
PARAMETER
SYMBOL
80 ns
100 ns
UNIT
NOTE
MIN.
MAX.
MIN.
MAX.
Read cycle time
tRC
80
100
ns
Address access time
tAA
80
100
ns
Chip enable
access time
(CE1)tACE1
80
100
ns
(CE2)tACE2
80
100
ns
Output enable access time
tOE
40
40
ns
Output hold time
tOH
10
10
ns
Chip enable to
output in Low-Z
(CE1)tLZ1
10
10
ns
1
(CE2)tLZ2
10
10
ns
1
Output enable to output in
Low-Z
tOLZ
5
5
ns
1
Chip enable to
output in High-Z
(CE1)tHZ1
0
30
0
30
ns
1
(CE2)tHZ2
0
30
0
30
ns
1
Output disable to output in
High-Z
tOHZ
0
20
0
20
ns
1
(2) WRITE CYCLE (VCC = 5 V ±10%)
PARAMETER
SYMBOL
80 ns
100 ns
UNIT
NOTE
MIN.
MAX.
MIN.
MAX.
Write cycle time
tWC
80
100
ns
Chip enable to end of write
tCW
70
80
ns
Address valid to end of write
tAW
70
80
ns
Address setup time
tAS
00
ns
Write pulse width
tWP
60
60
ns
Write recovery time
tWR
00
ns
Data valid to end of write
tDW
40
40
ns
Data hold time
tDH
00
ns
Output active from end of write
tOW
10
10
ns
2
WE to output in High-Z
tWZ
030030
ns2
OE to output in High-Z
tOHZ
020020
ns2
NOTES:
1.
TA = -10 to +70°C (LH5164A/AD/AN/AT), TA = -40 to +85°C (LH5164AH/AHD/AHN/AHT)
2.
Active output to high-impedance and high-impedance to output active tests specified for a
±200 mV transition
from steady state levels into the test load.
AC TEST CONDITIONS
PARAMETER
MODE
NOTE
Input voltage amplitude
0.6 to 2.4 V
Input rise/fall time
10 ns
Timing reference level
1.5 V
Output load conditions
1TTL + CL (100 pF)
1
NOTE:
1.
Includes scope and jig capacitance.
LH5164A/AH
CMOS 64K (8K
× 8) Static RAM
4


Similar Part No. - LH5164AH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164AH SHARP-LH5164AH Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results

Similar Description - LH5164AH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
LH5164AVH SHARP-LH5164AVH Datasheet
81Kb / 10P
   CMOS 64K (8K x 8) Static RAM
LH5268A SHARP-LH5268A Datasheet
91Kb / 10P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
logo
Intel Corporation
5164SL INTEL-5164SL Datasheet
329Kb / 9P
   64K (8K x 8) CMOS SLOW STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com