Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPT-37PB3F Datasheet(PDF) 2 Page - Rohm

Part # RPT-37PB3F
Description  Phototransistor, top view type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPT-37PB3F Datasheet(HTML) 2 Page - Rohm

  RPT-37PB3F_10 Datasheet HTML 1Page - Rohm RPT-37PB3F_10 Datasheet HTML 2Page - Rohm RPT-37PB3F_10 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.07 - Rev.A
Data Sheet
RPT-37PB3F
Electrical and optical characteristic curves
Fig.1 Dark current
vs. ambient temperature
AMBIENT TEMPERATURE : Ta
(
°C)
100
−25
0
25
50
75
0.1
1
10
100
1000
VCE
=10V
VCE
=20V
VCE
=30V
Fig.2 Relative output
vs. ambient temperature
−25
75
100
50
25
0
20
50
200
500
10
100
1000
AMBIENT TEMPERATURE : Ta
(
°C)
Fig.3 Light current vs. irradiance
ILLUMINANCE : E (Lx)
0
250
500
750
1250
1000
2
4
6
8
VCE
=5V
Fig.4 Output characteristics
COLLECTOR
−EMITTER VOLTAGE : VCE (V)
16
0
2
4
6
8
101214
2
0
4
6
8
10
E
=1000Lux
750Lux
500Lux
250Lux
Fig.5 Spectral sensitivity
OPTICAL WAVELENGTH :
λ (nm)
600
400
800
1000
1200
1600
0
25
50
75
100
Fig.6 Collector dissipation vs.
ambient temperature
−25
0
25
50
75
100
40
160
120
80
0
AMBIENT TEMPERATURE : Ta (
°C)
Fig.7 Response time vs.
collector current
COLLECTOR CURRENT : IC
(mA)
0.1
110
1
10
100
1000
VCE
=5V
Ta
=25°C
RL
=1kΩ
RL
=500Ω
RL
=100Ω
Fig.8 Directional pattern
100
80
60
40
20
0
20
40
60
80
100
RELATIVE LUMINOUS INTENSITY (%)
ANGULAR DISPLACEMENT (deg)
10
°
0
°
20
° 30° 40° 50° 60° 70° 80° 90°
10
°
20
°
30
°
40
°
50
°
60
°
70
°
80
°
90
°


Similar Part No. - RPT-37PB3F_10

ManufacturerPart #DatasheetDescription
logo
Rohm
RPT-37PB3F ROHM-RPT-37PB3F Datasheet
70Kb / 2P
   Phototransistor, top view type
More results

Similar Description - RPT-37PB3F_10

ManufacturerPart #DatasheetDescription
logo
Rohm
RPT-34PB3F ROHM-RPT-34PB3F_10 Datasheet
137Kb / 3P
   Phototransistor, top view type
RPT-38PB3F ROHM-RPT-38PB3F_10 Datasheet
141Kb / 3P
   Phototransistor, top view type
RPT-34PB3F ROHM-RPT-34PB3F Datasheet
61Kb / 3P
   Phototransistor, top view type
RPT-38PB3F ROHM-RPT-38PB3F Datasheet
60Kb / 3P
   Phototransistor, top view type
RPT-38PT3F ROHM-RPT-38PT3F Datasheet
70Kb / 3P
   Phototransistor, top view type
RPT-37PB3F ROHM-RPT-37PB3F Datasheet
70Kb / 2P
   Phototransistor, top view type
RPM-20PBM ROHM-RPM-20PBM Datasheet
75Kb / 4P
   Phototransistor, side view type
RPM-22PB ROHM-RPM-22PB_10 Datasheet
138Kb / 3P
   Phototransistor, side view type
RPM-25PT ROHM-RPM-25PT Datasheet
61Kb / 3P
   Phototransistor, side view type
RPM-22PB ROHM-RPM-22PB Datasheet
62Kb / 3P
   Phototransistor, side view type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com