Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F800SU Datasheet(PDF) 1 Page - Sharp Corporation

Part # LH28F800SU
Description  8M (512K16, 1M 횞 8) Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F800SU Datasheet(HTML) 1 Page - Sharp Corporation

  LH28F800SU Datasheet HTML 1Page - Sharp Corporation LH28F800SU Datasheet HTML 2Page - Sharp Corporation LH28F800SU Datasheet HTML 3Page - Sharp Corporation LH28F800SU Datasheet HTML 4Page - Sharp Corporation LH28F800SU Datasheet HTML 5Page - Sharp Corporation LH28F800SU Datasheet HTML 6Page - Sharp Corporation LH28F800SU Datasheet HTML 7Page - Sharp Corporation LH28F800SU Datasheet HTML 8Page - Sharp Corporation LH28F800SU Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LH28F800SU
1
8M (512K × 16, 1M × 8) Flash Memory
Figure 1. TSOP Reverse Bend Configuration
FEATURES
User-Configurable x8 or x16 Operation
User-Selectable 3.3 V or 5 V V
CC
5 V Write/Erase Operations (5 V V
PP)
– No Requirement for DC/DC
Converter to Write/Erase
70 ns Maximum Access Time
Minimum 2.7 V Read capability
– 160 ns Maximum Access Time
(V
CC = 2.7 V)
16 Independently Lockable Blocks
0.32 MB/sec Write Transfer Rate
100,000 Erase Cycles per Block
Revolutionary Architecture
– Pipelined Command Execution
– Write During Erase
– Command Superset of
Sharp LH28F008SA
5 µA (TYP.) I
CC in CMOS Standby
1 µA (TYP.) Deep Power-Down
State-of-the-Art 0.55 µm ETOX™
Flash Technology
56-Pin, 1.2 mm × 14 mm × 20 mm
TSOP (Type I) Package
28F800SUR-1
TOP VIEW
56-PIN TSOP
2
3
4
5
8
9
A16
A19
53
52
51
50
49
48
45
42
NC
NC
6
7
A17
A18
47
46
RY/BY
DQ15
DQ14
GND
GND
10
11
12
55
54
OE
VCC
13
44
DQ4
43
VCC
A15
DQ7
14
15
16
17
18
19
20
39
36
41
40
38
37
DQ3
DQ10
DQ2
VCC
A10
A9
A11
VPP
RP
CE0
A8
DQ9
WE
DQ6
DQ13
DQ11
56
1
CE1
3/5
WP
21
22
23
24
25
26
27
28
A4
A3
A5
A7
A6
GND
A2
A1
34
DQ8
35
DQ1
31
33
32
30
29
A0
BYTE
NC
NC
DQ0
A14
A13
A12
DQ5
DQ12


Similar Part No. - LH28F800SU

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800SG SHARP-LH28F800SG Datasheet
321Kb / 45P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800SG-L SHARP-LH28F800SG-L Datasheet
321Kb / 45P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG-L SHARP-LH28F800SG-L Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800SG-L10 SHARP-LH28F800SG-L10 Datasheet
321Kb / 45P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
More results

Similar Description - LH28F800SU

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
   Flash Memory 8M (1M 횞 8/512K 횞 16)
LH28F800BJE-PTTL90 SHARP-LH28F800BJE-PTTL90 Datasheet
515Kb / 57P
   Flash Memory 8M (512K 횞 16/1M 횞 8)
LH28F008SA SHARP-LH28F008SA Datasheet
249Kb / 27P
   8M (1M 횞 8) Flash Memory
LH28F008SC SHARP-LH28F008SC Datasheet
349Kb / 38P
   8M (1M 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F016SU SHARP-LH28F016SU Datasheet
326Kb / 37P
   16M (1M 횞 16, 2M 횞 8) Flash Memory
LHF16J06 SHARP-LHF16J06 Datasheet
225Kb / 47P
   Flash Memory 16M (1M 횞 16 / 2M 횞 8)
LH28F400SU-LC SHARP-LH28F400SU-LC Datasheet
299Kb / 37P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-NC SHARP-LH28F400SU-NC Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F016LL SHARP-LH28F016LL Datasheet
254Kb / 29P
   16M (1M 횞 16, 2M 횞 8) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com