Electronic Components Datasheet Search |
|
MK23-85-F-2 Datasheet(PDF) 1 Page - Meder Electronic |
|
MK23-85-F-2 Datasheet(HTML) 1 Page - Meder Electronic |
|
1 / 1 page MK23-85-F-2 Item: | Email: salesasia@meder.com 9231853035 +852 / 2955 1682 Asia: | Email: salesusa@meder.com +1 / 508 295 0771 USA: Item No.: | Email: info@meder.com +49 / 7731 8399 0 Europe: Magnetic properties Conditions Min Typ Max Unit measured in coil- "define operation" Pull-In excitation (Reference value) KMS-01 Reed switch unmodified Test-Coil phys. conditioned tolerance of +/- 1 AT Pull-In excitation (modified contact) KMS-21 Reed switch modified Test-Coil phys. caused tolerance +/- 0,1mT Pull-In in milliTesla (modified conta Contact Data 85 Conditions Min Typ Max Unit 85 Contact-No. A Contact-form Rhodium Contact-material !"#$ not to exceed their individual max.'s Contact rating # % DC or Peak AC Switching voltage DC or Peak AC Switching current &'"( 100% Duty Cycle Carry current &'"( 5ms after coil excitation for 50ms max. Pulsed carry current ) Measured with 40% overdrive Contact resistance static ) Maximum value 1,5 ms after excitation Contact resistance dynamic *) RH <45 %, 100 V test voltage Insulation resistance # % according to IEC 255-5 Breakdown voltage (30-40 AT) measured with 40% overdrive Operate time incl. bounce measured with no coil excitation Release time +, @ 10 kHz across open switch Capacitance Environmental data Conditions Min Typ Max Unit - 1/2 sine wave duration 11ms Shock - from 10 - 2000 Hz Vibration . Operating temperature . Storage temperature . wave soldering max. 5 sec. Soldering temperature Modifications in the sense of technical progress are reserved 16.12.09 AKELLER AKELLER 02 Version: Designed by: Last Change at: Designed at: Last Change by: 07.06.10 RKAMP RKAMP Approval by: Approval by: 16.12.09 Approval at: Approval at: 07.06.10 |
Similar Part No. - MK23-85-F-2 |
|
Similar Description - MK23-85-F-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |