Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F800BG-L Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH28F800BG-L
Description  8 M-bit (512 kB x 16) SmartVoltage Flash Memories
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F800BG-L Datasheet(HTML) 2 Page - Sharp Corporation

  LH28F800BG-L Datasheet HTML 1Page - Sharp Corporation LH28F800BG-L Datasheet HTML 2Page - Sharp Corporation LH28F800BG-L Datasheet HTML 3Page - Sharp Corporation LH28F800BG-L Datasheet HTML 4Page - Sharp Corporation LH28F800BG-L Datasheet HTML 5Page - Sharp Corporation LH28F800BG-L Datasheet HTML 6Page - Sharp Corporation LH28F800BG-L Datasheet HTML 7Page - Sharp Corporation LH28F800BG-L Datasheet HTML 8Page - Sharp Corporation LH28F800BG-L Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
LH28F800BG-L/BGH-L (FOR TSOP, CSP)
- 2 -
PIN CONNECTIONS
A2
1
A
A3
B
A1
C
A0
D
GND
E
CE#
A5
2
A6
A4
OE#
DQ8
DQ0
A17
WP#
WE#
3
A7
DQ1
DQ2
DQ9
4
VPP
DQ10
DQ11
DQ3
5
RP#
NC
DQ12
VCC
DQ4
A8
6
NC
A9
DQ6
DQ5
DQ13
A11
7
A10
A12
DQ15
DQ14
DQ7
A14
8
A13
A15
A16
GND
NC
F
RY/BY#
A18
(FBGA048-P-0808)
48-BALL CSP
48-PIN TSOP (Type I)
(TSOP048-P-1220)
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE#
RP#
VPP
WP#
RY/BY#
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A16
NC
GND
DQ15
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE#
GND
CE#
A0
VERSIONS
OPERATING
PACKAGE
DC CHARACTERISTICS
WRITE PROTECT FUNCTION
TEMPERATURE
VCC deep power-down current (MAX.)
FOR BOOT BLOCKS
LH28F800BG-L
0 to +70°C
48-pin TSOP (I)
10 µA
Controlled by
(FOR TSOP, CSP)
48-ball CSP
WP# and RP# pins
LH28F800BGH-L
–40 to +85°C
48-pin TSOP (I)
20 µA
Controlled by
(FOR TSOP, CSP)
48-ball CSP
WP# and RP# pins
LH28F800BG-L∗
1
0 to +70°C
44-pin SOP
10 µA
Controlled by RP# pin
(FOR SOP)
COMPARISON TABLE
∗1 Refer to the datasheet of LH28F800BG-L (FOR SOP).
NOTE :
Reverse bend available on request.
TOP VIEW


Similar Part No. - LH28F800BG-L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BG-L SHARP-LH28F800BG-L Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800BG-L SHARP-LH28F800BG-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
More results

Similar Description - LH28F800BG-L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BGB-L SHARP-LH28F800BGB-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGHE-TL85 SHARP-LH28F800BGHE-TL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG-L SHARP-LH28F800SG-L Datasheet
321Kb / 45P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F016SC-L SHARP-LH28F016SC-L Datasheet
306Kb / 44P
   16 M-bit (2 MB x 8) SmartVoltage Flash Memories
LH28F160SGED-L10 SHARP-LH28F160SGED-L10 Datasheet
252Kb / 42P
   16 M-bit (512 kB x 16 x 2-Bank) SmartVoltage Dual Work Flash Memory
logo
SPANSION
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com