Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F400SUB-Z0 Datasheet(PDF) 11 Page - Sharp Corporation

Part # LH28F400SUB-Z0
Description  4M (512K 횞 8, 256K16) Flash Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F400SUB-Z0 Datasheet(HTML) 11 Page - Sharp Corporation

Back Button LH28F400SUB-Z0 Datasheet HTML 7Page - Sharp Corporation LH28F400SUB-Z0 Datasheet HTML 8Page - Sharp Corporation LH28F400SUB-Z0 Datasheet HTML 9Page - Sharp Corporation LH28F400SUB-Z0 Datasheet HTML 10Page - Sharp Corporation LH28F400SUB-Z0 Datasheet HTML 11Page - Sharp Corporation LH28F400SUB-Z0 Datasheet HTML 12Page - Sharp Corporation LH28F400SUB-Z0 Datasheet HTML 13Page - Sharp Corporation LH28F400SUB-Z0 Datasheet HTML 14Page - Sharp Corporation LH28F400SUB-Z0 Datasheet HTML 15Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
4M (512K × 8, 256K × 16) Flash Memory
LH28F400SUB-Z0
11
Figure 6. Erase Suspend to Read Array with Compatible Status Register
START
BUS
OPERATION
COMMAND
COMMENTS
WRITE B0H
CSR.7 =
0
1
0
1
READ ARRAY DATA
ERASE RESUMED
ERASE COMPLETED
Write
Read
Standby
Erase
Suspend
D = B0H
A = X
Q = CSRD
Toggle CE or OE
to update CSRD.
A = X
See Command Bus Cycle notes for description of codes.
Check CSR.7
1 = WSM Ready
0 = WSM Busy
Standby
Check CSR.6
1 = Erase Suspended
0 = Erase Completed
Write
Read
Array
D = FFH
A = X
Write
Erase
Resume
D = D0H
A = X
Read
Q = AD
Read must be from
block other than the
one suspended.
28F400SUB-6
WRITE FFH
WRITE D0H
READ COMPATIBLE
STATUS REGISTER
CSR.6 =
DONE
READING?
READ ARRAY DATA
WRITE FFH
NO
YES


Similar Part No. - LH28F400SUB-Z0

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F400SU SHARP-LH28F400SU Datasheet
2Mb / 39P
   4Mbit(512Kbit x 8, 256 Kbit x 16) 5V Single Voltage Flash Memory
LH28F400SU-LC SHARP-LH28F400SU-LC Datasheet
299Kb / 37P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-NC SHARP-LH28F400SU-NC Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SUE-NC60 SHARP-LH28F400SUE-NC60 Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SUE-NC80 SHARP-LH28F400SUE-NC80 Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
More results

Similar Description - LH28F400SUB-Z0

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F400SU-LC SHARP-LH28F400SU-LC Datasheet
299Kb / 37P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-NC SHARP-LH28F400SU-NC Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F040SUTD-Z4 SHARP-LH28F040SUTD-Z4 Datasheet
247Kb / 32P
   4M (512K 횞 8) Flash Memory
LH28F004SU-LC SHARP-LH28F004SU-LC Datasheet
249Kb / 31P
   4M (512K 횞 8) Flash Memory
LH28F004SU-NC SHARP-LH28F004SU-NC Datasheet
246Kb / 31P
   4M (512K 횞 8) Flash Memory
LH28F004SU-Z1 SHARP-LH28F004SU-Z1 Datasheet
182Kb / 32P
   4M (512K 횞 8) Flash Memory
LHF32J06 SHARP-LHF32J06 Datasheet
2Mb / 50P
   Flash Memory 32M (2M 횞 16/4M 횞 8)
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LHF32J02 SHARP-LHF32J02 Datasheet
3Mb / 51P
   Flash Memory 32M (2M 횞 16/4M 횞 8)
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
   Flash Memory 8M (1M 횞 8/512K 횞 16)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com