Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFU20TM5S Datasheet(PDF) 2 Page - Rohm

Part # RFU20TM5S
Description  Super Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RFU20TM5S Datasheet(HTML) 2 Page - Rohm

  RFU20TM5S Datasheet HTML 1Page - Rohm RFU20TM5S Datasheet HTML 2Page - Rohm RFU20TM5S Datasheet HTML 3Page - Rohm RFU20TM5S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RFU20TM5S
 
Electrical characteristic curves
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
1ms
IM=100mA
IF=1A
300us
time
1
10
100
1400
1500
1600
1700
1800
FORWARD VOLTAGE : VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME : t(ms)
IFSM-t CHARACTERISTICS
TIME : t(s)
Rth-t CHARACTERISTICS
trr DISPERSION MAP
Tj=25
C
VR=530V
n=20pcs
AVE : 64.0nA
AVE : 1567mV
Tj=25
C
IF=20A
n=20pcs
ESD DISPERSION MAP
0.1
1
10
100
0
500
1000
1500
2000
2500
3000
Tj=125
C
Tj=25
C
Tj=150
C
1
10
100
1000
10000
100000
0
100
200
300
400
500
600
Tj=125
C
Tj=25
C
Tj=150
C
10
15
20
25
30
35
40
AVE : 22.7ns
Tj=25
C
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
10
100
1000
0
5
10
15
20
25
30
f=1MHz
Tj=25
C
350
370
390
410
430
450
AVE : 419pF
Tj=25
C
f=1MHz
VR=0V
n=10pcs
100
150
200
250
300
AVE : 231.0A
8.3ms
IFSM
1cyc
10
100
1000
1
10
100
8.3ms
IFSM
1cyc
8.3ms
10
100
1000
1
10
100
t
IFSM
0
1
2
3
4
5
AVE : 0.9kV
AVE : 2.32kV
C=200pF
R=0
C=100pF
R=1.5k
2/3
2011.06 - Rev.A


Similar Part No. - RFU20TM5S

ManufacturerPart #DatasheetDescription
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S Datasheet
303Kb / 4P
   Super Fast Recovery Diode
More results

Similar Description - RFU20TM5S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2L6S ROHM-RF2L6S Datasheet
318Kb / 3P
   Super Fast Recovery Diode
RF505B6S ROHM-RF505B6S Datasheet
447Kb / 4P
   Super Fast Recovery Diode
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
   Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
   Super Fast Recovery Diode
logo
Rohm
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
   Super Fast Recovery Diode
RFU20TM5S ROHM-RFU20TM5S Datasheet
303Kb / 4P
   Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
   Super Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com