Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV21WS Datasheet(PDF) 4 Page - Micro Commercial Components

Part # BAV21WS
Description  250mW Small Signal Diodes 120 to 250 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV21WS Datasheet(HTML) 4 Page - Micro Commercial Components

  BAV21WS Datasheet HTML 1Page - Micro Commercial Components BAV21WS Datasheet HTML 2Page - Micro Commercial Components BAV21WS Datasheet HTML 3Page - Micro Commercial Components BAV21WS Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MCC
TM
Micro Commercial Components
www.mccsemi.com
4 of 4
Revision: A
2011/01/01
Device
Packing
Part Number-TP
Tape&Reel: 3Kpcs/Reel
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.


Similar Part No. - BAV21WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV21WS PANJIT-BAV21WS Datasheet
104Kb / 3P
   SURFACT MOUNT SWITCHING DIODES
logo
Olitech Electronics Co....
BAV21WS OLITECH-BAV21WS Datasheet
1Mb / 2P
   SWITCHING DIODE
logo
Guangdong Kexin Industr...
BAV21WS KEXIN-BAV21WS Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
logo
Micro Commercial Compon...
BAV21WS MCC-BAV21WS Datasheet
264Kb / 4P
   250mW Small Signal Diodes 120 to 250 Volts
logo
List of Unclassifed Man...
BAV21WS ETC2-BAV21WS Datasheet
273Kb / 4P
   Halogen free available upon request by adding suffix "-HF"||" "586709
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - BAV21WS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV19WS MCC-BAV19WS_13 Datasheet
273Kb / 4P
   250mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS_16 Datasheet
264Kb / 4P
   250mW Small Signal Diodes 120 to 250 Volts
BAV21W-TP MCC-BAV21W-TP Datasheet
332Kb / 4P
   410mW Small Signal Diodes 120 to 250 Volts
BAV19W MCC-BAV19W Datasheet
163Kb / 3P
   410mW Small Signal Diodes 120 to 250 Volts
BAV19 MCC-BAV19 Datasheet
277Kb / 4P
   500mW Small Signal Diodes 120 to 250 Volts
BAV19W MCC-BAV19W_11 Datasheet
310Kb / 4P
   410mW Small Signal Diodes 120 to 250 Volts
BAV19 MCC-BAV19_12 Datasheet
287Kb / 4P
   500mW Small Signal Diodes 120 to 250 Volts
BAV19W MCC-BAV19W_13 Datasheet
332Kb / 4P
   410mW Small Signal Diodes 120 to 250 Volts
BAS19 MCC-BAS19_16 Datasheet
180Kb / 3P
   Small Signal Diodes 250mW
logo
Shanghai Lunsure Electr...
BAS19 CHENYI-BAS19 Datasheet
73Kb / 2P
   Small Signal Diodes 250mW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com