Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F016SC-L Datasheet(PDF) 8 Page - Sharp Corporation

Part # LH28F016SC-L
Description  16 M-bit (2 MB x 8) SmartVoltage Flash Memories
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F016SC-L Datasheet(HTML) 8 Page - Sharp Corporation

Back Button LH28F016SC-L Datasheet HTML 4Page - Sharp Corporation LH28F016SC-L Datasheet HTML 5Page - Sharp Corporation LH28F016SC-L Datasheet HTML 6Page - Sharp Corporation LH28F016SC-L Datasheet HTML 7Page - Sharp Corporation LH28F016SC-L Datasheet HTML 8Page - Sharp Corporation LH28F016SC-L Datasheet HTML 9Page - Sharp Corporation LH28F016SC-L Datasheet HTML 10Page - Sharp Corporation LH28F016SC-L Datasheet HTML 11Page - Sharp Corporation LH28F016SC-L Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
- 8 -
LH28F016SC-L/SCH-L
software to suspend a block erase to read/write
data from/to blocks other than that which is
suspended. Byte write suspend allows system
software to suspend a byte write to read data from
any other flash memory array location.
2.1
Data Protection
Depending on the application, the system designer
may choose to make the VPP power supply
switchable (available only when memory block
erases, byte writes, or lock-bit configurations are
required) or hardwired to VPPH1/2/3. The device
accommodates
either
design
practice
and
encourages optimization of the processor-memory
interface.
When VPP
≤ VPPLK, memory contents cannot be
altered. The CUI, with two-step block erase, byte
write, or lock-bit configuration command sequences,
provides protection from unwanted operations even
when high voltage is applied to VPP. All write
functions are disabled when VCC is below the write
lockout voltage VLKO or when RP# is at VIL. The
device’s block locking capability provides additional
protection from inadvertent code or data alteration
by gating erase and byte write operations.
3 BUS OPERATION
The local CPU reads and writes flash memory in-
system. All bus cycles to or from the flash memory
conform to standard microprocessor bus cycles.
3.1
Read
Information can be read from any block, identifier
codes, or status register independent of the VPP
voltage. RP# can be at either VIH or VHH.
The first task is to write the appropriate read mode
command (Read Array, Read Identifier Codes, or
Read Status Register) to the CUI. Upon initial
device power-up or after exit from deep power-
down mode, the device automatically resets to read
array mode. Four control pins dictate the data flow
in and out of the component : CE#, OE#, WE#,
and RP#. CE# and OE# must be driven active to
obtain data at the outputs. CE# is the device
selection control, and when active enables the
selected memory device. OE# is the data output
(DQ0-DQ7) control and when active drives the
selected memory data onto the I/O bus. WE# must
be at VIH and RP# must be at VIH or VHH. Fig. 13
illustrates a read cycle.
3.2
Output Disable
With OE# at a logic-high level (VIH), the device
outputs are disabled. Output pins DQ0-DQ7 are
placed in a high-impedance state.
3.3
Standby
CE# at a logic-high level (VIH) places the device in
standby mode which substantially reduces device
power consumption. DQ0-DQ7 outputs are placed
in a high-impedance state independent of OE#. If
deselected during block erase, byte write, or lock-bit
configuration, the device continues functioning, and
consuming active power until the operation
completes.
3.4
Deep Power-Down
RP# at VIL initiates the deep power-down mode.
In read modes, RP#-low deselects the memory,
places output drivers in a high-impedance state and
turns off all internal circuits. RP# must be held low
for a minimum of 100 ns. Time tPHQV is required
after return from power-down until initial memory
access outputs are valid. After this wake-up
interval, normal operation is restored. The CUI is
reset to read array mode and status register is set
to 80H.
During
block
erase,
byte
write,
or
lock-bit
configuration modes, RP#-low will abort the
operation. RY/BY# remains low until the reset
operation is complete. Memory contents being
altered are no longer valid; the data may be


Similar Part No. - LH28F016SC-L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016SCH SHARP-LH28F016SCH Datasheet
1Mb / 43P
   16-MBIT(2 MB x 8) SmartVoltage Flash MEMORY
LH28F016SCH-L SHARP-LH28F016SCH-L Datasheet
1Mb / 43P
   16-MBIT(2 MB x 8) SmartVoltage Flash MEMORY
LH28F016SCHB SHARP-LH28F016SCHB Datasheet
3Mb / 48P
   16Mbit Flash Memory
LH28F016SCHB-L95 SHARP-LH28F016SCHB-L95 Datasheet
3Mb / 48P
   16Mbit Flash Memory
LH28F016SCT SHARP-LH28F016SCT Datasheet
867Kb / 17P
   Smart voltage 16Mbit Flash Memory
More results

Similar Description - LH28F016SC-L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BGB-L SHARP-LH28F800BGB-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGHE-TL85 SHARP-LH28F800BGHE-TL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG-L SHARP-LH28F800SG-L Datasheet
321Kb / 45P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BG-L SHARP-LH28F800BG-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F016SCH SHARP-LH28F016SCH Datasheet
1Mb / 43P
   16-MBIT(2 MB x 8) SmartVoltage Flash MEMORY
LH28F160S5-L SHARP-LH28F160S5-L Datasheet
366Kb / 55P
   16 M-bit (2 MB x 8/1 MB x 16) Smart 5 Flash Memories (Fast Programming)
LH28F160BG-TL SHARP-LH28F160BG-TL Datasheet
225Kb / 36P
   16 M-bit (1 MB x 16) Smart 3 Flash Memories
H28F008SC-V SHARP-H28F008SC-V Datasheet
262Kb / 40P
   M-bit (1 MB x 8) Smart 5 Flash Memories
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com