Electronic Components Datasheet Search |
|
RB461F Datasheet(PDF) 1 Page - Rohm |
|
RB461F Datasheet(HTML) 1 Page - Rohm |
1 / 4 page Data Sheet www.rohm.com © 2011 ROHM Co., Ltd. All rights reserved. Schottky Barrier Diode RB461F Applications Dimensions (Unit : mm) Land size figure (Unit : mm) Low power rectification Features 1)Small mold type. (UMD3) 2)Low VF. 3)High reliability Construction Silicon epitaxial planer Structure Taping specifications (Unit : mm) Absolute maximum ratings (Ta=25°C) Symbol Unit VRM V VR V Io A IFSM A Tj °C Tstg °C Electrical characteristics (Ta=25°C) Symbol Min. Typ. Max. Unit VF - - 0.49 V IF=700mA IR - - 200 μA VR=20V Parameter Forward voltage Reverse current Conditions Storage temperature 40 to 125 Forward current surge peak (60Hz・1cyc) (*1) 3 Junction temperature 125 Reverse voltage (DC) 20 Average rectified forward current 0.7 Parameter Limits Reverse voltage (repetitive) 25 UMD3 0.65 1.3 0.8MIN 4.0±0.1 4.0±0.1 2.0±0.05 φ1.55±0.05 φ0.5±0.05 2.25±0.1 0 1.25±0.1 0.3±0.1 ROHM : UMD3 JEITA : SC-70 JEDEC : SOT-323 dot (year week factory) 2.0±0.2 0.3±0.1 各リードとも 同寸法 (3) 1.3±0.1 (0.65) (0.65) (2) (1) 0.15±0.05 0.9±0.1 0.7±0.1 0~0.1 Each lead has same dimension 1/3 2011.04 - Rev.C |
Similar Part No. - RB461F |
|
Similar Description - RB461F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |