Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB162L-60 Datasheet(PDF) 1 Page - Rohm

Part # RB162L-60
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB162L-60 Datasheet(HTML) 1 Page - Rohm

  RB162L-60_11 Datasheet HTML 1Page - Rohm RB162L-60_11 Datasheet HTML 2Page - Rohm RB162L-60_11 Datasheet HTML 3Page - Rohm RB162L-60_11 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB162L-60
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
General rectification
Features
1) Small power mold type. (PMDS)
2) High switching speed
3) Low forward voltage
Construction
Structure
Silicon epitaxial planer
Taping dimensions (Unit : mm)
Absolute maximum ratings (Tl=25
C)
Symbol
VRM
VR
Tj
Tstg
Electrical characteristics (Tj=25
C)
Symbol
Unit
VF
V
IR
μA
Storage temperature
40 to 150
C
Conditions
Junction temperature
150
C
Repetitive peak reverse voltage
D
0.5
60
V
A
one cycle peak value, Tj=25
C
Parameter
Conditions
Limits
Unit
Forward current surge peak
IFSM
60Hz half sin wave, Non-repetitive
20
A
Glass epoxy substrate mounted
Reverse voltage
Direct voltage
60
V
Average rectified forward current
Io
1.0
R-road, 60Hz half sin wave
Reverse current
-
4
100
IF=1.0A
VR=60V
Max.
Forward voltage
-
0.54
0.65
Parameter
Min.
Typ.
PMDS
2.0
4.0±0.1
2.9±0.1
4.0±0.1
2.0±0.05
φ1.55±0.05
φ1.55
0.3
2.8MAX
1/3
2011.04 - Rev.A


Similar Part No. - RB162L-60_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RB162L-60 ROHM-RB162L-60_15 Datasheet
521Kb / 9P
   Schottky Barrier Diode
More results

Similar Description - RB162L-60_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com