Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F008SAN-85 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LH28F008SAN-85
Description  8M (1M 횞 8) Flash Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SAN-85 Datasheet(HTML) 4 Page - Sharp Corporation

  LH28F008SAN-85 Datasheet HTML 1Page - Sharp Corporation LH28F008SAN-85 Datasheet HTML 2Page - Sharp Corporation LH28F008SAN-85 Datasheet HTML 3Page - Sharp Corporation LH28F008SAN-85 Datasheet HTML 4Page - Sharp Corporation LH28F008SAN-85 Datasheet HTML 5Page - Sharp Corporation LH28F008SAN-85 Datasheet HTML 6Page - Sharp Corporation LH28F008SAN-85 Datasheet HTML 7Page - Sharp Corporation LH28F008SAN-85 Datasheet HTML 8Page - Sharp Corporation LH28F008SAN-85 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LH28F008SA
8M (1M × 8) Flash Memory
4
PIN DESCRIPTION
SYMBOL
TYPE
NAME AND FUNCTION
A
0 - A19
INPUT
ADDRESS INPUTS:
For memory addresses. Addresses are internally latched during
a write cycle.
DQ
0 - DQ7
INPUT/OUTPUT
DATA INPUT/OUTPUTS:
Inputs data and commands during Command User Interface
write cycles; outputs data during memory array. Status Register and Identifier read
cycles. The data pins are active high and float to tri-state off when the chip is deselected
or the outputs are disabled. Data is internally latched during a write cycle.
CE
»
INPUT
CHIP ENABLE:
Activates the device’s control logic input buffers, decoders, and
sense amplifiers. CE
» is active low: CE» high deselects the memory device and
reduces power consumption to standby levels.
PWD
INPUT
POWERDOWN:
Puts the device in deep powerdown mode. PWD is active low; PWD
high gates normal operation. PWD also locks out block erase or byte write
operations when active low, providing data protection during power transitions.
OE
»
INPUT
OUTPUT ENABLE:
Gates the device’s outputs through the data buffers during a
read cycle. OE
» is active low.
WE
INPUT
WRITE ENABLE:
Controls writes to the Command User Interface and array blocks.
WE is active low. Addresses and data are latched on the rising edge of the
WE Pulse.
RY
»/BY »
OUTPUT
READY/BUSY
: Indicates the status of the internal Write State Machine. When low, it
indicates that the WSM is performing a block erase or byte write operation. RY
»/BY »
high indicates that the WSM is ready for new commands, block erase is suspended or
the device is in deep powerdown mode. RY
»/BY»is always active and does NOT float
to tri-state off when the chip is deselected or data outputs are disabled.
V
PP
SUPPLY
BLOCK ERASE/BYTE WRITE POWER SUPPLY:
for erasing blocks of the array or
writing bytes of each block.
NOTE:
With V
PP < VPPLMAX, memory contents cannot be altered.
V
CC
DEVICE POWER SUPPLY:
(5 V ±10%, 5 V ±5%)
GND
SUPPLY
GROUND


Similar Part No. - LH28F008SAN-85

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SA SHARP-LH28F008SA Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAR-85 SHARP-LH28F008SAR-85 Datasheet
1Mb / 34P
   8M Flash Memory 1M (x8)
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
   8 MBIT(1 MBIT x 8) FLASH MEMORY
LH28F008SAT-85 SHARP-LH28F008SAT-85 Datasheet
1Mb / 34P
   8M Flash Memory
More results

Similar Description - LH28F008SAN-85

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SC SHARP-LH28F008SC Datasheet
349Kb / 38P
   8M (1M 횞 8) Flash Memory
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
   Flash Memory 8M (1M 횞 8/512K 횞 16)
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LH28F800BJE-PTTL90 SHARP-LH28F800BJE-PTTL90 Datasheet
515Kb / 57P
   Flash Memory 8M (512K 횞 16/1M 횞 8)
LH28F008SCT-L85 SHARP-LH28F008SCT-L85 Datasheet
552Kb / 55P
   Flash Memory 8M (1MB 횞 8)
LHF08CH2 SHARP-LHF08CH2 Datasheet
3Mb / 47P
   Flash Memory 8M (1M 횞8)
LH28F016SU SHARP-LH28F016SU Datasheet
326Kb / 37P
   16M (1M 횞 16, 2M 횞 8) Flash Memory
LHF16J06 SHARP-LHF16J06 Datasheet
225Kb / 47P
   Flash Memory 16M (1M 횞 16 / 2M 횞 8)
LHF08CH3 SHARP-LHF08CH3 Datasheet
3Mb / 49P
   Flash Memory 8M (1M 횞8)
LHF08S50 SHARP-LHF08S50 Datasheet
1Mb / 34P
   8M Flash Memory 1M (x8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com