Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK11-M8-1A66C-500W Datasheet(PDF) 1 Page - Meder Electronic

Part # MK11-M8-1A66C-500W
Description  MK Reed Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK11-M8-1A66C-500W Datasheet(HTML) 1 Page - Meder Electronic

  MK11-M8-1A66C-500W Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9118366054
Item No.:
Item:
Europe: +49 / 7733 9487 0 | Email: info@meder.com
USA: +1 / 508 539 0002 | Email: salesusa@meder.com
Asia:
+852 / 2955 1682 | Email: salesasia@meder.com
MK11/M8-1A66C-500W
Magnetical properties
Conditions
Min
Typ
Max
Unit
at 20°C
Pull in
KMS-18
Test equipment
phys. caused tolerance +/- 0,1mT
Pull-In in milliTesla
MS-150
Test equipment
Special Product Data
Conditions
Min
Typ
Max
Unit
A - NO
Contact - form
not to exceed their individual max.'s
Contact rating
DC or Peak AC
operating voltage
DC or Peak AC
operating ampere
Switching current
measured with 40% overdrive
Sensor-resistance
Crastin,SK 645FR,rated 94V-0,140°C,E.I. Dupont
Housing material
black
Case color
Voltatex CE 12 FW-UL
Sealing compound
Environmental data
Conditions
Min
Typ
Max
Unit
Cable not moved
Operating temperature
cable moved
Operating temperature
Storage temperature
Cable specification
Conditions
Min
Typ
Max
Unit
2xsingle wires AWG24, UL-Style 1569, black
Cable typ
PVC
Cable material
0,25
Cross section [mm²]
General data
Conditions
Min
Typ
Max
Unit
over 5m cable, a series resistor is recommended.
Mounting advice
!
Tightening torque
Modifications in the sense of technical progress are reserved
04.05.07
WKOVACS
WKOVACS
01
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
04.06.07
BUELTZHOEFFER
Approval by:
Approval by:
07.11.07
Approval at:
Approval at:


Similar Part No. - MK11-M8-1A66C-500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK11-M8-1A66C-500W_DE MEDER-MK11-M8-1A66C-500W_DE Datasheet
72Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK11-M8-1A66C-500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK23-85-E-1 MEDER-MK23-85-E-1 Datasheet
68Kb / 1P
   MK Reed Sensor
MK23-85-F-1 MEDER-MK23-85-F-1 Datasheet
68Kb / 1P
   MK Reed Sensor
MK24-B-2 MEDER-MK24-B-2_11 Datasheet
79Kb / 1P
   MK Reed Sensor
MK03-1A66B-1700W MEDER-MK03-1A66B-1700W_09 Datasheet
68Kb / 1P
   MK Reed Sensor
MK02-1-1A66-2000W MEDER-MK02-1-1A66-2000W Datasheet
204Kb / 2P
   MK Reed Sensor
MK03-1C90B-1500W MEDER-MK03-1C90B-1500W_09 Datasheet
71Kb / 1P
   MK Reed Sensor
MK03-1C90C-1000W MEDER-MK03-1C90C-1000W_09 Datasheet
71Kb / 1P
   MK Reed Sensor
MK11-1A66C-200W MEDER-MK11-1A66C-200W_09 Datasheet
74Kb / 1P
   MK Reed Sensor
MK14-1A66B-200W MEDER-MK14-1A66B-200W_09 Datasheet
67Kb / 1P
   MK Reed Sensor
MK14-1A66B-500W MEDER-MK14-1A66B-500W_11 Datasheet
100Kb / 1P
   MK Reed Sensor
MK14-1A66C-2000W MEDER-MK14-1A66C-2000W_09 Datasheet
68Kb / 1P
   MK Reed Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com