Electronic Components Datasheet Search |
|
PMR10EZPFV7L00 Datasheet(PDF) 1 Page - Rohm |
|
PMR10EZPFV7L00 Datasheet(HTML) 1 Page - Rohm |
1 / 5 page 1/4 www.rohm.com ○ c 2010 ROHM Co., Ltd. All rights reserved. 2010.09 - Rev.D Ultra-Low Ohmic Resistors for Current Detection PMR10 Features 1) Ultra low-ohmic resistance range (2m ~) 2) Improved current detection accuracy by trimming-less structure. Highly recommended for large current / High speed switching circuit. 3) Completely Pb free product 4) ISO9001- / ISO/TS 16949-approved Ratings 0.5W (1 / 2W) −55°C to +155°C at 70 °C For resistors operated at the ambient temperature in excess of 70 , the load shall be derated in accordance with Fig.1 Item Conditions Specifications Rated power Rated voltage and current are determined from the following. E = P×R I = P / R Rated voltage Rated current Operating temperature Nominal resistance See Table 1. E: Rated voltage (V) I : Rated current (A) P: Rated power (W) R: Nominal resistance ( Ω) 0 20 40 60 80 100 −55 0 70 100 125 155 AMBIENT TEMPERATURE ( °C) Fig.1 5,6,7,8,9,10 2,3,4 U V F ( ±1%) G ( ±2%) J ( ±5%) ±150 RESISTANCE (m Ω) TOLERANCE SPECIAL CODE TEMPERATURE COEFFICIENT (ppm / ˚C) Table.1 |
Similar Part No. - PMR10EZPFV7L00 |
|
Similar Description - PMR10EZPFV7L00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |