Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMR10EZPJU5L00 Datasheet(PDF) 3 Page - Rohm

Part # PMR10EZPJU5L00
Description  Ultra-Low Ohmic Resistors for Current Detection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PMR10EZPJU5L00 Datasheet(HTML) 3 Page - Rohm

  PMR10EZPJU5L00 Datasheet HTML 1Page - Rohm PMR10EZPJU5L00 Datasheet HTML 2Page - Rohm PMR10EZPJU5L00 Datasheet HTML 3Page - Rohm PMR10EZPJU5L00 Datasheet HTML 4Page - Rohm PMR10EZPJU5L00 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.D
Data Sheet
PMR10
Dimensions&Construction
0.42
0.32
0.28
1.20
2.00
No.
Material
Resistive metal element (Ni-Cu/Ni-Cr Alloy)
Primary electrode(Cu)
External electrode(Sn)
Overcoat (Resin : Black)
Marking (Resin : Yellow)
L
W
t
aa
5L00
(The Surface)
Resistance
Measure
±
L
0.15
±
W
0.15
±
t
0.15
±
a
0.25
2m
Ω
3m
Ω
4m
Ω
5m
Ω
6m
Ω
7m
Ω
8m
Ω
9m
Ω
10m
Ω
0.55
0.75
0.60
0.45
0.55
0.45
0.35
0.40
0.35
(The back)
(The cross section)
Part No. Explanation
Special part number
Packaging Specifications Code
Part No.
PM
1
R
Nominal resistance
EZP
Part No.
Resistance tolerance
J(
±5%)
Code
G(
±2%)
Paper tape (4mm Pitch)
φ180mm (7in.)
Packaging specifications
Reel
5,000
Basic ordering unit (pcs)
Reel (
φ180) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
0
E Z P
J
V
Resistance tolerance
±1%
±2%
F
G
±5%
J
PMR10
F,G
J
:
:
4 digits
3 digits
Resistance code, 3 or 4 digits.
Resistance
tolerance
Resistance
code
Resistance
Value (
Ω)
J
F,G
Resistance Tolerance
5 to 10m
Ω
2 to 4m
Ω
U
V
2m
Ω
3m
Ω
4m
Ω
5m
Ω
2L0
3L0
4L0
5L0
2L00
3L00
4L00
5L00
6m
Ω
7m
Ω
8m
Ω
9m
Ω
6L0
7L0
8L0
9L0
6L00
7L00
8L00
9L00
10m
Ω
10L
10L0
F(
±1%)


Similar Part No. - PMR10EZPJU5L00

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR10EZPJ ROHM-PMR10EZPJ Datasheet
994Kb / 8P
   Ultra-low ohmic jumper chip resistors
More results

Similar Description - PMR10EZPJU5L00

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR50 ROHM-PMR50 Datasheet
98Kb / 3P
   Ultra low ohmic resistors for current detection
PMR03 ROHM-PMR03 Datasheet
115Kb / 3P
   Ultra low ohmic resistors for current detection
PMR25 ROHM-PMR25 Datasheet
95Kb / 3P
   Ultra low ohmic resistors for current detection
PMR100HZPFU6L00 ROHM-PMR100HZPFU6L00 Datasheet
83Kb / 3P
   Ultra-low Ohmic Resistors for Current Detection
PMR100-SERIES ROHM-PMR100-SERIES Datasheet
83Kb / 3P
   Ultra-low Ohmic Resistors for Current Detection
PMR03 ROHM-PMR03_11 Datasheet
937Kb / 4P
   Ultra low ohmic resistors for current detection
PMR18 ROHM-PMR18_11 Datasheet
151Kb / 4P
   Ultra-Low Ohmic Resistors for Current Detection
PMR25 ROHM-PMR25_11 Datasheet
937Kb / 4P
   Ultra-Low Ohmic Resistors for Current Detection
PMR100 ROHM-PMR100_11 Datasheet
937Kb / 4P
   Ultra-low Ohmic Resistors for Current Detection
PMR50 ROHM-PMR50_10 Datasheet
148Kb / 4P
   Ultra-low Ohmic Resistors for Current Detection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com