Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH168P Datasheet(PDF) 4 Page - Sharp Corporation

Part # LH168P
Description  309-output TFT-LCD Source Driver IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH168P Datasheet(HTML) 4 Page - Sharp Corporation

  LH168P Datasheet HTML 1Page - Sharp Corporation LH168P Datasheet HTML 2Page - Sharp Corporation LH168P Datasheet HTML 3Page - Sharp Corporation LH168P Datasheet HTML 4Page - Sharp Corporation LH168P Datasheet HTML 5Page - Sharp Corporation LH168P Datasheet HTML 6Page - Sharp Corporation LH168P Datasheet HTML 7Page - Sharp Corporation LH168P Datasheet HTML 8Page - Sharp Corporation LH168P Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FUNCTIONAL OPERATIONS OF EACH BLOCK
BLOCK
FUNCTION
Shift Register
Used as a bi-directional shift register which performs the shifting operation by CK and
selects bits for data sampling.
Data Latch
Used to temporary latch the input data which is sent to the sampling memory.
Sampling Memory
Used to sample the data to be entered by time sharing.
Hold Memory
Used for latch processing of data in the sampling memory by LS input.
Level Shifter
Used to shift the data in the hold memory to the power supply level of the analog circuit
unit and sends the shifted data to DA converter.
Reference Voltage
Generation Circuit
Used to generate a gamma-corrected 64-level voltage by the resistor dividing circuit.
DA Converter
Used to generate an analog signal according to the display data and sends the signal to
the output circuit.
Output Circuit
Used as a voltage follower, configured with an operational amplifier and an output buffer,
which outputs analog signals of 64 gray scales to LCD drive output pin.
INPUT/OUTPUT CIRCUITS
I
VCC
GND
To Internal Circuit
Fig. 1
Input Circuit (1)
¿Applicable pins¡
CK, LS, LBR, XI0-XI5,
YI0-YI5, ZI0-ZI5
I
VCC
VCC
GND
To Internal Circuit
Fig. 2
Input Circuit (2)
¿Applicable pin¡
MODE
LH168P
4


Similar Part No. - LH168P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH1684F SHARP-LH1684F Datasheet
1Mb / 34P
   5 V Drive 240 Outputs TFT-LCD Source Driver
LH1687 SHARP-LH1687 Datasheet
93Kb / 21P
   240-output TFT-LCD Source Driver IC
LH168A SHARP-LH168A Datasheet
176Kb / 14P
   384-output TFT-LCD Source Driver IC
LH168B SHARP-LH168B Datasheet
1Mb / 15P
   324 Outputs 64 Gradations TFT-LCD Source Driver
LH168D SHARP-LH168D Datasheet
937Kb / 13P
   384 Outputs 64 Gradations TFT-LCD Source Driver
More results

Similar Description - LH168P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16640C RENESAS-PD16640C_15 Datasheet
238Kb / 18P
   300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
logo
NEC
UPD16640C NEC-UPD16640C Datasheet
105Kb / 16P
   300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
logo
Sharp Corporation
LH1687 SHARP-LH1687 Datasheet
93Kb / 21P
   240-output TFT-LCD Source Driver IC
LH168M SHARP-LH168M Datasheet
109Kb / 17P
   384-output TFT-LCD Source Driver IC
LH168R SHARP-LH168R Datasheet
193Kb / 19P
   384-output TFT-LCD Source Driver IC
LH168K SHARP-LH168K Datasheet
92Kb / 16P
   324-output TFT-LCD Source Driver IC
LH168A SHARP-LH168A Datasheet
176Kb / 14P
   384-output TFT-LCD Source Driver IC
logo
Samsung semiconductor
S6C0641 SAMSUNG-S6C0641 Datasheet
216Kb / 22P
   6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
KS0641 SAMSUNG-KS0641 Datasheet
216Kb / 22P
   6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
S6C1652 SAMSUNG-S6C1652 Datasheet
198Kb / 19P
   6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com