Electronic Components Datasheet Search |
|
PMR18EZPJU2L0 Datasheet(PDF) 3 Page - Rohm |
|
PMR18EZPJU2L0 Datasheet(HTML) 3 Page - Rohm |
3 / 4 page 3/3 www.rohm.com ○ c 2011 ROHM Co., Ltd. All rights reserved. 2011.06 - Rev.D Data Sheet PMR18 Dimenstions&Construction 0.42 0.44 0.32 0.28 1.60 3.20 ① ② ③ ④ ⑤ No. Material Resistive metal element (Ni-Cu/Ni-Cr Alloy) Primary electrode(Cu) External electrode(Sn) Overcoat (Resin : Black) Marking (Resin : Yellow) L W t aa 5L00 ④ ④ ① ② ③ ⑤ (The Surface) Resistance Measure ± L 0.15 ± W 0.15 ± t 0.15 ± a 0.25 2m Ω 3m Ω 4m Ω 5m Ω 6m Ω 7m Ω 8m Ω 9m Ω 10m Ω 0.85 1m Ω 1.20 1.15 0.90 0.70 0.50 0.75 0.60 0.70 0.60 (The back) (The cross section) Part No. Explanation Base paper Components Cavity Top tape P0 P2 P1 E F W D0 A0 B0 C AB D Label AB C D Reel Taping EIAJ ET-7200B compliant (Unit : mm) (Unit : mm) φ180 0 −1.5 φ60 +1 0 9 +1.0 0 φ13±0.2 WF E A0 B0 D0 P0 P1 P2 T2 8.0 ±0.3 3.5 ±0.05 1.75 ±0.1 1.95 +0.1 −0.05 3.5 +0.15 −0.05 4.0 ±0.1 4.0 ±0.1 2.0 ±0.05 Max. 1.1 φ1.5 +0.1 0 T2 Bottom Tape Packaging Special part number Packaging Specifications Code Part No. PM 1 R Nominal resistance EZP Part No. Resistance tolerance J( ±5%) Code F( ±1%) Paper tape (4mm Pitch) φ180mm (7in.) Packaging specifications Reel 5,000 Basic ordering unit (pcs) Reel ( φ180) : Compatible with JEITA standard "EIAJ ET-7200B" : Standard product 8 E Z P J V Resistance tolerance ±1% ±5% F J PMR18 F J : : 4 digits 3 digits Resistance code, 3 or 4 digits. Resistance tolerance Resistance code Resistance Value JF Resistance Tolerance 5 to 10m Ω 1 to 4m Ω U V 1m Ω 3m Ω 4m Ω 5m Ω 1L0 3L0 4L0 5L0 1L00 2m Ω 2L0 2L00 3L00 4L00 5L00 6m Ω 7m Ω 8m Ω 9m Ω 6L0 7L0 8L0 9L0 6L00 7L00 8L00 9L00 10m Ω 10L 10L0 |
Similar Part No. - PMR18EZPJU2L0 |
|
Similar Description - PMR18EZPJU2L0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |