Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMR18EZPFV1L0 Datasheet(PDF) 3 Page - Rohm

Part # PMR18EZPFV1L0
Description  Ultra-Low Ohmic Resistors for Current Detection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PMR18EZPFV1L0 Datasheet(HTML) 3 Page - Rohm

  PMR18EZPFV1L0 Datasheet HTML 1Page - Rohm PMR18EZPFV1L0 Datasheet HTML 2Page - Rohm PMR18EZPFV1L0 Datasheet HTML 3Page - Rohm PMR18EZPFV1L0 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.06 - Rev.D
Data Sheet
PMR18
Dimenstions&Construction
0.42
0.44
0.32
0.28
1.60
3.20
No.
Material
Resistive metal element (Ni-Cu/Ni-Cr Alloy)
Primary electrode(Cu)
External electrode(Sn)
Overcoat (Resin : Black)
Marking (Resin : Yellow)
L
W
t
aa
5L00
(The Surface)
Resistance
Measure
±
L
0.15
±
W
0.15
±
t
0.15
±
a
0.25
2m
Ω
3m
Ω
4m
Ω
5m
Ω
6m
Ω
7m
Ω
8m
Ω
9m
Ω
10m
Ω
0.85
1m
Ω
1.20
1.15
0.90
0.70
0.50
0.75
0.60
0.70
0.60
(The back)
(The cross section)
Part No. Explanation
Base paper
Components
Cavity
Top tape
P0
P2
P1
E
F
W
D0
A0
B0
C
AB
D
Label
AB
C
D
Reel
Taping
EIAJ ET-7200B compliant
(Unit : mm)
(Unit : mm)
φ180
0
−1.5
φ60
+1
0
9
+1.0
0
φ13±0.2
WF
E
A0
B0
D0
P0
P1
P2
T2
8.0
±0.3
3.5
±0.05
1.75
±0.1
1.95
+0.1
−0.05
3.5
+0.15
−0.05
4.0
±0.1
4.0
±0.1
2.0
±0.05
Max. 1.1
φ1.5 +0.1
0
T2
Bottom Tape
Packaging
Special part number
Packaging Specifications Code
Part No.
PM
1
R
Nominal resistance
EZP
Part No.
Resistance tolerance
J(
±5%)
Code
F(
±1%)
Paper tape (4mm Pitch)
φ180mm (7in.)
Packaging specifications
Reel
5,000
Basic ordering unit (pcs)
Reel (
φ180) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
8
E Z P
J
V
Resistance tolerance
±1%
±5%
F
J
PMR18
F
J
:
:
4 digits
3 digits
Resistance code, 3 or 4 digits.
Resistance
tolerance
Resistance
code
Resistance
Value
JF
Resistance Tolerance
5 to 10m
Ω
1 to 4m
Ω
U
V
1m
Ω
3m
Ω
4m
Ω
5m
Ω
1L0
3L0
4L0
5L0
1L00
2m
Ω
2L0
2L00
3L00
4L00
5L00
6m
Ω
7m
Ω
8m
Ω
9m
Ω
6L0
7L0
8L0
9L0
6L00
7L00
8L00
9L00
10m
Ω
10L
10L0


Similar Part No. - PMR18EZPFV1L0

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR18EZPJ ROHM-PMR18EZPJ Datasheet
994Kb / 8P
   Ultra-low ohmic jumper chip resistors
More results

Similar Description - PMR18EZPFV1L0

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR50 ROHM-PMR50 Datasheet
98Kb / 3P
   Ultra low ohmic resistors for current detection
PMR10 ROHM-PMR10_10 Datasheet
167Kb / 5P
   Ultra-Low Ohmic Resistors for Current Detection
PMR03 ROHM-PMR03 Datasheet
115Kb / 3P
   Ultra low ohmic resistors for current detection
PMR25 ROHM-PMR25 Datasheet
95Kb / 3P
   Ultra low ohmic resistors for current detection
PMR100HZPFU6L00 ROHM-PMR100HZPFU6L00 Datasheet
83Kb / 3P
   Ultra-low Ohmic Resistors for Current Detection
PMR100-SERIES ROHM-PMR100-SERIES Datasheet
83Kb / 3P
   Ultra-low Ohmic Resistors for Current Detection
PMR03 ROHM-PMR03_11 Datasheet
937Kb / 4P
   Ultra low ohmic resistors for current detection
PMR25 ROHM-PMR25_11 Datasheet
937Kb / 4P
   Ultra-Low Ohmic Resistors for Current Detection
PMR100 ROHM-PMR100_11 Datasheet
937Kb / 4P
   Ultra-low Ohmic Resistors for Current Detection
PMR50 ROHM-PMR50_10 Datasheet
148Kb / 4P
   Ultra-low Ohmic Resistors for Current Detection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com