Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMR18EZPJU1L0 Datasheet(PDF) 1 Page - Rohm

Part # PMR18EZPJU1L0
Description  Ultra-Low Ohmic Resistors for Current Detection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PMR18EZPJU1L0 Datasheet(HTML) 1 Page - Rohm

  PMR18EZPJU1L0 Datasheet HTML 1Page - Rohm PMR18EZPJU1L0 Datasheet HTML 2Page - Rohm PMR18EZPJU1L0 Datasheet HTML 3Page - Rohm PMR18EZPJU1L0 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.06 - Rev.D
Ultra-Low Ohmic Resistors for Current Detection
PMR18
Features
1) Ultra low-ohmic resistance range (1m
~)
2) Improved current detection accuracy by trimming-less structure.
Highly recommended for large current / High speed switching circuit.
3) Completely Pb free product
4) ISO9001- / ISO/TS 16949-approved
Ratings
1W
−55°C to +155°C
at 70
°C
For resistors operated at the ambient temperature in
excess of 70
°C, the load shall be derated in accordance with Fig.1
Item
Conditions
Specifications
Rated power
Rated voltage and current are determined from the following.
E: Rated voltage (V)
I : Rated current (A)
P: Rated power (W)
R: Resistance (
Ω)
Rated voltage
Rated current
Operating temperature
Nominal resistance
See Table 1.
E
= P×R
E
= P / R
0
20
40
60
80
100
−55
0
70
100
125
155
AMBIENT TEMPERATURE (
°C)
Fig.1
5,6,7,8,9,10
1,2,3,4
U
V
F (
±1%)
J (
±5%)
±100
RESISTANCE
(m
Ω)
TOLERANCE
SPECIAL
CODE
TEMPERATURE
COEFFICIENT (ppm / ˚C)
Table.1


Similar Part No. - PMR18EZPJU1L0

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR18EZPJ ROHM-PMR18EZPJ Datasheet
994Kb / 8P
   Ultra-low ohmic jumper chip resistors
More results

Similar Description - PMR18EZPJU1L0

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR50 ROHM-PMR50 Datasheet
98Kb / 3P
   Ultra low ohmic resistors for current detection
PMR10 ROHM-PMR10_10 Datasheet
167Kb / 5P
   Ultra-Low Ohmic Resistors for Current Detection
PMR03 ROHM-PMR03 Datasheet
115Kb / 3P
   Ultra low ohmic resistors for current detection
PMR25 ROHM-PMR25 Datasheet
95Kb / 3P
   Ultra low ohmic resistors for current detection
PMR100HZPFU6L00 ROHM-PMR100HZPFU6L00 Datasheet
83Kb / 3P
   Ultra-low Ohmic Resistors for Current Detection
PMR100-SERIES ROHM-PMR100-SERIES Datasheet
83Kb / 3P
   Ultra-low Ohmic Resistors for Current Detection
PMR03 ROHM-PMR03_11 Datasheet
937Kb / 4P
   Ultra low ohmic resistors for current detection
PMR25 ROHM-PMR25_11 Datasheet
937Kb / 4P
   Ultra-Low Ohmic Resistors for Current Detection
PMR100 ROHM-PMR100_11 Datasheet
937Kb / 4P
   Ultra-low Ohmic Resistors for Current Detection
PMR50 ROHM-PMR50_10 Datasheet
148Kb / 4P
   Ultra-low Ohmic Resistors for Current Detection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com