Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHMB300A6 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PHMB300A6
Description  300 A 600 V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHMB300A6 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PHMB300A6_1 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PHMB300A6_1 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PHMB300A6_1 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PHMB300A6_1 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
─ 342 ─
■最大定格 Maximum Ratings(TC=25℃)
項   目
Item
記号
Symbol
定 格 値
Rated Value
単位
Unit
コレクタ・エミッタ間電圧
Collector-Emitter Voltage
VCES
600
V
ゲート・エミッタ間電圧
Gate-Emitter Voltage
VGES
±20
V
コレクタ電流
Collector Current
IC
300
A
コレクタ損失
Collector Power Dissipation
PC
1040
W
接合温度
Junction Temperature Range
Tj
−40∼+150
保存温度
Storage Temperature Range
Tstg
−40∼+125
絶縁耐圧
(端子−ベース間,AC1分間)
Isolation Voltage(Terminal to Base, AC1min.)
Viso
2500
V
(RMS)
締付トルク
Mounting Torque
Ftor
3(30.6)
N・m
(kgf・cm)
600
M4
DC
1ms
ベース取付部
Module Base to Heatsink
端子部
Busbar to Terminal
ICP
項   目
Characteristic
記号
Symbol
条   件
Test Conditions
最小
Min.
単位
Unit
コレクタ遮断電流
Collector-Emitter Cut-Off Current
ICES
VCE=600V, VGE=0V
3.0
mA
ゲート漏れ電流
Gate-Emitter Leakage Current
IGES
VGE=±20V, VCE=0V
1.0
μA
■電気的特性 Electrical Characteristics(TC=25℃)
コレクタ・エミッタ間飽和電圧
Collector-Emitter Saturation Voltage
VCE
(sat)
IC=300A, VGE=15V
2.1
2.6
V
ゲートしきい値電圧
Gate-Emitter Threshold Voltage
VGE
(th)
VCE=5V, IC=300mA
4.0
8.0
V
入力容量
Input Capacitance
Cies
VCE=10V, VGE=0V, f=1MHz
30000
pF
tf
0.2
0.35
toff
0.6
0.8
スイッチング時間
Switching Time
tr
VCC=300V
RL=1.0Ω
RG=2.0Ω
VGE=±15V
0.2
0.4
μs
ton
0.4
0.75
下降時間
Fall Time
ターン・オフ時間
Turn-Off Time
上昇時間
Rise Time
ターン・オン時間
Turn-On Time
IGBT
300 A
600 V
PHMB300A6
■回路図 CIRCUIT
■外形寸法図 OUTLINE DRAWING (単位 Dimension:mm)
G
E
E
C
最大
Max.
標準
Typ.
1.4(14.3)
M6
3(30.6)


Similar Part No. - PHMB300A6_1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHMB300A6 NIEC-PHMB300A6 Datasheet
107Kb / 3P
   IGBT MODULE Single 300A 600V
More results

Similar Description - PHMB300A6_1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB300A6 NIEC-PDMB300A6_1 Datasheet
149Kb / 4P
   300 A 600 V
PHMB600A6 NIEC-PHMB600A6_1 Datasheet
150Kb / 4P
   600 A 600 V
logo
Vishay Siliconix
VS-VS5HD300CW60 VISHAY-VS-VS5HD300CW60 Datasheet
137Kb / 6P
   FRED Pt짰 Gen 5, Ultrafast Rectifier Diode, 600 V, 300 A
01-Jan-2022
VS-U5FH300FA60 VISHAY-VS-U5FH300FA60 Datasheet
161Kb / 6P
   FRED Pt짰 Gen 5 Ultrafast Rectifier Diode, 600 V, 300 A
01-Jan-2022
VS-U5FX300FA60 VISHAY-VS-U5FX300FA60 Datasheet
159Kb / 6P
   FRED Pt® Gen 5 Hyperfast Rectifier Diode, 600 V, 300 A
01-Jan-2022
VS-U5FX300FA60 VISHAY-VS-U5FX300FA60_V01 Datasheet
160Kb / 6P
   FRED Pt® Gen 5 Hyperfast Rectifier Diode, 600 V, 300 A
01-Jan-2023
VS-U5FH300FA60 VISHAY-VS-U5FH300FA60_V01 Datasheet
161Kb / 6P
   FRED Pt® Gen 5 Ultrafast Rectifier Diode, 600 V, 300 A
01-Jan-2023
VS-VS5HD300CW60 VISHAY-VS-VS5HD300CW60_V01 Datasheet
136Kb / 6P
   FRED Pt® Gen 5, Ultrafast Rectifier Diode, 600 V, 300 A
01-Jan-2023
logo
Nihon Inter Electronics...
PDMB50A6 NIEC-PDMB50A6_1 Datasheet
147Kb / 4P
   50 A 600 V
PDMB75A6 NIEC-PDMB75A6_1 Datasheet
142Kb / 4P
   75 A 600 V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com