Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1687 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LH1687
Description  240-output TFT-LCD Source Driver IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH1687 Datasheet(HTML) 3 Page - Sharp Corporation

  LH1687 Datasheet HTML 1Page - Sharp Corporation LH1687 Datasheet HTML 2Page - Sharp Corporation LH1687 Datasheet HTML 3Page - Sharp Corporation LH1687 Datasheet HTML 4Page - Sharp Corporation LH1687 Datasheet HTML 5Page - Sharp Corporation LH1687 Datasheet HTML 6Page - Sharp Corporation LH1687 Datasheet HTML 7Page - Sharp Corporation LH1687 Datasheet HTML 8Page - Sharp Corporation LH1687 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
LH1687
TST5
VCCA
VCCAVCCLVCCL GNDA GNDA GNDL GNDL OS1
OS240
241
260
TST4 248
PS 255
VC 259
VB 258
VA 257
TST3 247
TST2 246
TST1 245
RL 254
SAM 253
CTR 252
CK 251
SPIO
CONTROL
LOGIC
MODE
SETTING
CIRCUIT
BIAS
GENERATION
CIRCUIT
250
SPOI 249
MODE 256
264
242 263
243 262
244 261
1
240
BI-DIRECTIONAL SHIFT
REGISTER
SAMPLING SIGNAL
CREATION CIRCUIT
SAMPLE AND HOLD CIRCUIT
OUTPUT CIRCUIT
1
240
1
240
1
240
1
240
BLOCK DIAGRAM


Similar Part No. - LH1687

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH1684F SHARP-LH1684F Datasheet
1Mb / 34P
   5 V Drive 240 Outputs TFT-LCD Source Driver
LH168A SHARP-LH168A Datasheet
176Kb / 14P
   384-output TFT-LCD Source Driver IC
LH168B SHARP-LH168B Datasheet
1Mb / 15P
   324 Outputs 64 Gradations TFT-LCD Source Driver
LH168D SHARP-LH168D Datasheet
937Kb / 13P
   384 Outputs 64 Gradations TFT-LCD Source Driver
LH168G SHARP-LH168G Datasheet
1Mb / 15P
   324 Outputs 64 Gradations TFT-LCD Source Driver
More results

Similar Description - LH1687

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
   240-OUTPUT TFT-LCD SOURCE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
   240-OUTPUT TFT-LCD SOURCE DRIVER
UPD16449 NEC-UPD16449 Datasheet
131Kb / 27P
   SOURCE DRIVER FOR 240-OUTPUT TFT-LCD
logo
Sharp Corporation
LH168M SHARP-LH168M Datasheet
109Kb / 17P
   384-output TFT-LCD Source Driver IC
LH168R SHARP-LH168R Datasheet
193Kb / 19P
   384-output TFT-LCD Source Driver IC
LH168K SHARP-LH168K Datasheet
92Kb / 16P
   324-output TFT-LCD Source Driver IC
LH168P SHARP-LH168P Datasheet
250Kb / 15P
   309-output TFT-LCD Source Driver IC
LH168A SHARP-LH168A Datasheet
176Kb / 14P
   384-output TFT-LCD Source Driver IC
LH1691 SHARP-LH1691 Datasheet
122Kb / 14P
   240-output TFT-LCD Gate Driver IC
logo
Renesas Technology Corp
PD16641 RENESAS-PD16641_15 Datasheet
322Kb / 21P
   240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com