Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS16X Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAS16X
Description  150mW 75Volt Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS16X Datasheet(HTML) 2 Page - Micro Commercial Components

  BAS16X Datasheet HTML 1Page - Micro Commercial Components BAS16X Datasheet HTML 2Page - Micro Commercial Components BAS16X Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS16X
TA= 125
°C
TA=150
°C
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
100
MilliAmps
.2
.4
.6
.8
1.0
1.2
.1
1
10
Volts
Figure 2
Micro Commercial Components
Instantaneous Reverse Current - MicroAmperesversus
Reverse Voltage - Volts
Volts
1
µA
0
50
10
20
30
40
.001
.01
.1
10
60
Diode Capacitance - pFversus
Reverse Voltage - Volts
Figure 3
Diode Capacitance
04
6
8
2
0.52
0.56
0.64
0.68
pF
Volts
0.60
TA = 85
°C
TA = -40
°C
TA = 25
°C
TA = 85
°C
TA = 55
°C
TA = 25
°C
MCC
www.mccsemi.com
Revision: A
2011/01/01
Typical Reverse Characteristics
2 of 3
TM


Similar Part No. - BAS16X

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS16X JIANGSU-BAS16X Datasheet
141Kb / 2P
   Swithching Diode
logo
Goodwork Semiconductor ...
BAS16X GWSEMI-BAS16X Datasheet
239Kb / 3P
   Plastic-Encapsulate Diodes
logo
Galaxy Semi-Conductor H...
BAS16X BILIN-BAS16X Datasheet
196Kb / 3P
   High speed Switching Diode
logo
Shenzhen Luguang Electr...
BAS16X LUGUANG-BAS16X Datasheet
278Kb / 2P
   High Speed Switching Diodes
logo
WILLAS ELECTRONIC CORP
BAS16X WILLAS-BAS16X Datasheet
402Kb / 3P
   SOD-523 Plastic-Encapsulate Diodes
More results

Similar Description - BAS16X

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16X MCC-BAS16X_13 Datasheet
283Kb / 3P
   150mW 75Volt Switching Diode
1SS226 MCC-1SS226_13 Datasheet
219Kb / 3P
   150mW SWITCHING DIODE
BAV70M MCC-BAV70M_17 Datasheet
378Kb / 3P
   150mW Switching Diode
BAS716 MCC-BAS716 Datasheet
328Kb / 3P
   225mW 75Volt Switching Diode
1SS226 MCC-1SS226 Datasheet
183Kb / 3P
   150mW SWITCHING DIODE
BAW56 MCC-BAW56 Datasheet
79Kb / 2P
   350mW 75Volt Dual Switching Diode
BAW56 MCC-BAW56_11 Datasheet
165Kb / 3P
   350mW 75Volt Dual Switching Diode
BAS16T MCC-BAS16T Datasheet
236Kb / 3P
   150mW 85Volt Switching Diode
BAS16T MCC-BAS16T_16 Datasheet
232Kb / 3P
   150mW 85Volt Switching Diode
logo
Shanghai Lunsure Electr...
BAW56 CHENYI-BAW56 Datasheet
52Kb / 2P
   350mw 75volt dual switching diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com