Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MNR14 Datasheet(PDF) 4 Page - Rohm

Part # MNR14
Description  Compact Chip Resistor Networks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MNR14 Datasheet(HTML) 4 Page - Rohm

  MNR14_08 Datasheet HTML 1Page - Rohm MNR14_08 Datasheet HTML 2Page - Rohm MNR14_08 Datasheet HTML 3Page - Rohm MNR14_08 Datasheet HTML 4Page - Rohm MNR14_08 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MNR14
Resistors
Rev.G
4/4
Part No. Explanation
E0AP
5,000
Resistance tolerance
Part No.
MN
1
R4
E 0 A P
J
Paper tape (4mm Pitch)
MNR14
φ180mm (7in.)
J is also used
for jumper
J
±5%
F
±1%
Part No.
Resistance tolerance
J(
±5%)
F(
±1%)
Code
Packaging specifications
Reel
Basic ordering unit (pcs)
Reel (
φ180) : JEITA ET-7200B
: Standard product
Packaging Specifications Code
Nominal resistance
F
J
:
:
4 digits
3 digits
Resistance code, 3 or 4 digits.
000 denotes jumper type.
Resistance
tolerance
Resistance
code


Similar Part No. - MNR14_08

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR14E0ABJ ROHM-MNR14E0ABJ Datasheet
100Kb / 6P
   Chip resistor networks
MNR14E0ABJ ROHM-MNR14E0ABJ Datasheet
113Kb / 6P
   Chip resistor networks
MNR14E0ABJ103 ROHM-MNR14E0ABJ103 Datasheet
113Kb / 6P
   Chip resistor networks
MNR14E0ABJ222 ROHM-MNR14E0ABJ222 Datasheet
106Kb / 6P
   Chip resistor networks
MNR14E0APF ROHM-MNR14E0APF Datasheet
86Kb / 5P
   Chip resistor networks
More results

Similar Description - MNR14_08

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR02 ROHM-MNR02_11 Datasheet
172Kb / 4P
   Compact Chip Resistor Networks
MNR14 ROHM-MNR14_11 Datasheet
179Kb / 4P
   Compact Chip Resistor Networks
MNR12 ROHM-MNR12_08 Datasheet
83Kb / 5P
   Compact Chip Resistor Networks
MNR12 ROHM-MNR12_11 Datasheet
146Kb / 4P
   Compact Chip Resistor Networks
MNR04M0APJ330 ROHM-MNR04M0APJ330 Datasheet
115Kb / 4P
   Compact Chip Resistor Networks
MNR32 ROHM-MNR32_08 Datasheet
87Kb / 5P
   Compact Chip Resistor Networks
MNR34 ROHM-MNR34_08 Datasheet
89Kb / 5P
   Compact Chip Resistor Networks
MNR04 ROHM-MNR04_11 Datasheet
147Kb / 4P
   Compact Chip Resistor Networks
MNR15 ROHM-MNR15_11 Datasheet
174Kb / 4P
   Compact 8-element Chip Resistor Networks
MNR35 ROHM-MNR35_08 Datasheet
87Kb / 4P
   Compact 8-element Chip Resistor Networks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com