Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MNR12 Datasheet(PDF) 1 Page - Rohm

Part # MNR12
Description  Compact Chip Resistor Networks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MNR12 Datasheet(HTML) 1 Page - Rohm

  MNR12 Datasheet HTML 1Page - Rohm MNR12 Datasheet HTML 2Page - Rohm MNR12 Datasheet HTML 3Page - Rohm MNR12 Datasheet HTML 4Page - Rohm MNR12 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MNR12
Resistors
Rev.H
1/4
Compact Chip Resistor Networks
MNR12 (0603
×2 size)
Features
1) Convex electrodes
Easy to check the fillet after soldering is finished.
2) Small, light, rectangular 2-chip network
Area ratio is 65% smaller than that of MNR32, while weight ratio has been cut 75%.
3) High-density mounting
Can be mounted even more densely than two 0603 chips (MCR03), and mounting costs are lower.
4) Compatible with a wide range of mounting equipment.
Squared corners make it excellent for mounting using image recognition devices.
5) ROHM resistors have approved ISO9001- / ISO/TS 16949- certification.
Design and specifications are subject to change without notice. Carefully check the specification sheet supplied with
the product before using or ordering it.
Ratings
Limiting element voltage 50V
Item
Conditions
Specifications
0.063W (1 / 16W)
Rated power
Rated voltage
Operating temperature
Nominal resistance
See Table 1.
Power must be derated according to the power derating curve in
Figure 1 when ambient temperature exceeds 70
°C.
The voltage rating is calculated by the following equation.
If the value obtained exceeds the limiting element voltage,
the voltage rating is equal to the maximum operating voltage.
E: Rated voltage (V)
P: Rated power (W)
R: Nominal resistance (
Ω)
E
= P×R
−55°C to +125°C
at 70
°C
0
20
40
60
80
100
−55
0
70
100
125
AMBIENT TEMPERATURE (
°C)
Fig.1


Similar Part No. - MNR12

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR12 ROHM-MNR12 Datasheet
98Kb / 6P
   Chip resistor networks
MNR12 ROHM-MNR12 Datasheet
85Kb / 6P
   Chip resistor networks
MNR12 ROHM-MNR12 Datasheet
180Kb / 7P
   Chip Resistor Networks Automotive product is AEC-Q200 compliant.
MNR12 ROHM-MNR12 Datasheet
180Kb / 7P
   Chip Resistor Networks
MNR12E0ABJ ROHM-MNR12E0ABJ Datasheet
98Kb / 6P
   Chip resistor networks
More results

Similar Description - MNR12

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR02 ROHM-MNR02_11 Datasheet
172Kb / 4P
   Compact Chip Resistor Networks
MNR14 ROHM-MNR14_11 Datasheet
179Kb / 4P
   Compact Chip Resistor Networks
MNR12 ROHM-MNR12_11 Datasheet
146Kb / 4P
   Compact Chip Resistor Networks
MNR04M0APJ330 ROHM-MNR04M0APJ330 Datasheet
115Kb / 4P
   Compact Chip Resistor Networks
MNR32 ROHM-MNR32_08 Datasheet
87Kb / 5P
   Compact Chip Resistor Networks
MNR14 ROHM-MNR14_08 Datasheet
85Kb / 5P
   Compact Chip Resistor Networks
MNR34 ROHM-MNR34_08 Datasheet
89Kb / 5P
   Compact Chip Resistor Networks
MNR04 ROHM-MNR04_11 Datasheet
147Kb / 4P
   Compact Chip Resistor Networks
MNR15 ROHM-MNR15_11 Datasheet
174Kb / 4P
   Compact 8-element Chip Resistor Networks
MNR35 ROHM-MNR35_08 Datasheet
87Kb / 4P
   Compact 8-element Chip Resistor Networks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com