Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR03PZPIJJ Datasheet(PDF) 4 Page - Rohm

Part # MCR03PZPIJJ
Description  Compact Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR03PZPIJJ Datasheet(HTML) 4 Page - Rohm

  MCR03PZPIJJ Datasheet HTML 1Page - Rohm MCR03PZPIJJ Datasheet HTML 2Page - Rohm MCR03PZPIJJ Datasheet HTML 3Page - Rohm MCR03PZPIJJ Datasheet HTML 4Page - Rohm MCR03PZPIJJ Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.06 - Rev.N
Data Sheet
MCR03 (0603 size : 1 / 10W)
Part No. Explanation
Part No.
Resistance tolerance
J(
±5%)
Code
FX(
±1%) D(±0.5%) Packaging specifications
Reel
Remarks
Basic ordering unit (pcs)
Reel (
φ180mm) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
EZP
MCR03
φ180mm(7inch)
Paper tape (4mm Pitch)
PZPI
MCR03
5,000
Narrow pitch type
MZP
MCR03
φ180mm(7inch)
Paper tape (2mm Pitch)
10,000
25,000
Bulkcase
Packaging Specifications Code
C
MR 0
P
EZ
J
Resistance tolerance
Part No.
Nominal resistance
3
J
±5%
FX
FX, D
J
:
:
4 digits
3 digits
±1%
D
±0.5%
Resistance code, 3 or 4 digits.
000 denotes jumper type.
Resistance
tolerance
Resistance
code
J is also used
for jumper


Similar Part No. - MCR03PZPIJJ

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03PZPIJ100 ROHM-MCR03PZPIJ100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03PZPIJ100 ROHM-MCR03PZPIJ100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03PZPIJ100 ROHM-MCR03PZPIJ100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03PZPIJ100 ROHM-MCR03PZPIJ100 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
MCR03PZPIJ100 ROHM-MCR03PZPIJ100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR03PZPIJJ

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR01 ROHM-MCR01_11 Datasheet
138Kb / 4P
   Compact Thick Film Chip Resistors
MCR03_1111 ROHM-MCR03_1111 Datasheet
170Kb / 5P
   Compact Thick Film Chip Resistors
MCR10 ROHM-MCR10_11 Datasheet
128Kb / 4P
   Compact Thick Film Chip Resistors
UCR18 ROHM-UCR18 Datasheet
164Kb / 5P
   Low Ohmic Compact Thick Film Chip Resistors
UCR10 ROHM-UCR10 Datasheet
79Kb / 5P
   Low Ohmic Compact Thick Film Chip Resistors
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com