Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR01MZPFJ Datasheet(PDF) 1 Page - Rohm

Part # MCR01MZPFJ
Description  Compact Thick Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR01MZPFJ Datasheet(HTML) 1 Page - Rohm

  MCR01MZPFJ Datasheet HTML 1Page - Rohm MCR01MZPFJ Datasheet HTML 2Page - Rohm MCR01MZPFJ Datasheet HTML 3Page - Rohm MCR01MZPFJ Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.06 - Rev.M
Resistance tolerance
Resistance range
(
Ω)
Resistance temperature coefficient
(ppm /
°C)
Table 1
F (
±1%)
J (
±5%)
10 to 2.2M (E24, E96)
(E24)
(E24)
±100
±200
10 to 10M
1.0 to 9.1
+500 / −250
D (
±0.5%)
(E24)
(E24)
±50
100 to 1M
10 to 91
±100
Compact Thick Film Chip Resistors
MCR01 (0402 size : 1 / 16W)
Features
1) Extremely small light
2) Highly reliable chip resistor
Ruthenium oxide dielectric offers superior resistance to the elements.
3) Electrodes not corroded by soldering
Thick film makes the electrodes very strong.
4) Flat surface further facilitates mounting
Mounting can also be automated.
ROHM resistors have approved ISO9001- / ISO/TS 16949- certification.
Ratings
Design and specifications are subject to change without notice. Carefully check the specification sheet supplied with the product
before using or ordering it.
0.063W (1 / 16W)
−55°C to +155°C
at 70
°C
Power must be derated according to the power derating curve in
Figure 1 when ambient temperature exceeds 70
°C.
Item
Conditions
Specifications
Rated power
The voltage rating is calculated by the following equation.
If the value obtained exceeds the limiting element voltage,
the voltage rating is equal to the maximum operating voltage.
E: Rated voltage (V)
P: Rated power (W)
R: Nominal resistance (
Ω)
E
= P×R
Rated voltage
Limiting element voltage
50V
Operating temperature
Nominal resistance
See Table 1.
0
20
40
60
80
100
−55
0
70
100
125
155
AMBIENT TEMPERATURE (
°C)
Fig.1
Max. 50m
Ω
1A
−55°C to +155°C
Resistance
Rated current
Operating temperature
Jumper type


Similar Part No. - MCR01MZPFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR01MZPF ROHM-MCR01MZPF Datasheet
93Kb / 6P
   Thick film rectangular
MCR01MZPF ROHM-MCR01MZPF Datasheet
81Kb / 6P
   Thick film rectangular
MCR01MZPF100 ROHM-MCR01MZPF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF100 ROHM-MCR01MZPF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF100 ROHM-MCR01MZPF100 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR01MZPFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03_1111 ROHM-MCR03_1111 Datasheet
170Kb / 5P
   Compact Thick Film Chip Resistors
MCR10 ROHM-MCR10_11 Datasheet
128Kb / 4P
   Compact Thick Film Chip Resistors
MCR03 ROHM-MCR03_11 Datasheet
141Kb / 5P
   Compact Thick Film Chip Resistors
UCR18 ROHM-UCR18 Datasheet
164Kb / 5P
   Low Ohmic Compact Thick Film Chip Resistors
UCR10 ROHM-UCR10 Datasheet
79Kb / 5P
   Low Ohmic Compact Thick Film Chip Resistors
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com