Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR01MZPFD Datasheet(PDF) 3 Page - Rohm

Part # MCR01MZPFD
Description  Compact Thick Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR01MZPFD Datasheet(HTML) 3 Page - Rohm

  MCR01MZPFD Datasheet HTML 1Page - Rohm MCR01MZPFD Datasheet HTML 2Page - Rohm MCR01MZPFD Datasheet HTML 3Page - Rohm MCR01MZPFD Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.06 - Rev.M
Data Sheet
MCR01 (0402 size : 1 / 16W)
Packaging
Reel
Taping
C
AB
D
AB
C
D
Label
EIAJ ET-7200B compliant
Bulk case
P0
P2
B0
A0
E
F
W
T2
φD0
P1
Thick paper
mount
(Underside paper tape)
Chip resistor
Square punchout hole
Heat crimp cover tape
110
±0.7
12.0
±0.1
(Unit : mm)
Slider
Shutter
EIAJ ET-7200B compliant
36
0
−0.2
(Unit : mm)
(Unit : mm)
WF
E
A0
B0
D0
P0
P1
P2
T2
8.0
±0.3
3.5
±0.05
1.75
±0.1
0.7
±0.1
1.2
±0.1
φ180
0
−1.5
φ60
+1
0
9
+1.0
0
φ13±0.2
4.0
±0.1
2.0
±0.05
2.0
±0.05
Max. 1.1
φ1.5
+0.1
0
Part No. Explanation
Packaging Specifications Code
C
MR 0
P
MZ
J
Resistance tolerance
Part No.
Nominal resistance
1
J
±5%
F
F, D
J
:
:
4 digits
3 digits
±1%
D
±0.5%
Resistance code, 3 or 4 digits.
000 denotes jumper type.
Resistance
tolerance
Resistance
code
J is also used
for jumper
Reel (
φ180mm) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
Part No.
Resistance tolerance
J(
±5%)
Code
F(
±1%)
Packaging specifications
Reel
Remarks
Basic ordering unit (pcs)
MZP
MCR01
φ180mm(7inch)
Paper tape (2mm Pitch)
PZPI
MCR01
Bulkcase
D(
±0.5%)
10,000
50,000


Similar Part No. - MCR01MZPFD

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR01MZPF ROHM-MCR01MZPF Datasheet
93Kb / 6P
   Thick film rectangular
MCR01MZPF ROHM-MCR01MZPF Datasheet
81Kb / 6P
   Thick film rectangular
MCR01MZPF100 ROHM-MCR01MZPF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF100 ROHM-MCR01MZPF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF100 ROHM-MCR01MZPF100 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR01MZPFD

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03_1111 ROHM-MCR03_1111 Datasheet
170Kb / 5P
   Compact Thick Film Chip Resistors
MCR10 ROHM-MCR10_11 Datasheet
128Kb / 4P
   Compact Thick Film Chip Resistors
MCR03 ROHM-MCR03_11 Datasheet
141Kb / 5P
   Compact Thick Film Chip Resistors
UCR18 ROHM-UCR18 Datasheet
164Kb / 5P
   Low Ohmic Compact Thick Film Chip Resistors
UCR10 ROHM-UCR10 Datasheet
79Kb / 5P
   Low Ohmic Compact Thick Film Chip Resistors
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com