Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTR18EZPFJ Datasheet(PDF) 3 Page - Rohm

Part # LTR18EZPFJ
Description  High Power Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LTR18EZPFJ Datasheet(HTML) 3 Page - Rohm

  LTR18EZPFJ Datasheet HTML 1Page - Rohm LTR18EZPFJ Datasheet HTML 2Page - Rohm LTR18EZPFJ Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.06 - Rev.E
Data Sheet
LTR18
Dimensions (Unit : mm)
No.
Material
Resistive element
(Oxide metal thick film)
Silver thick film electrode
Nickel electrode
Sn electrode
Alumina substrate
Overcoating (Resin)
1
2
3
4
5
6
3.2
±0.15
0.55
±0.1
Packaging
C
AB
D
AB
C
D
φ13±0.2
P0
P2
P1
E
F
W
T2
φD0
A0
Label
Reel
Taping
EIAJ ET-7200B compliant
Thick paper
mount
(Underside paper tape) Chip resistor Square punchout hole
Heat crimp cover/Tape
φ180
0
−1.5
φ60
+1
0
9
+1.0
0
φ1.5
+0.1
0
1.65 +
0.2
−0.1
2.4 +
0.2
−0.1
(Unit: mm)
(Unit: mm)
WF
E
A0
B0
D0
P0
P1
P2
T2
8.0±0.3
3.5±0.05
1.75±0.1
4.0±0.1
4.0±0.1
2.0±0.05
Max. 1.1
B0
Part designation
T
LR 1 8
Part No.
E Z P
J
±5%
Resistance tolerance
J
±0.5%
D
±1%
F
Nominal resistance
F , D
J
:
:
4 digits
3 digits
Resistance code, 3 or 4 digits.
Resistance
tolerance
Resistance
code
EZP
Paper tape (4mm Pitch)
φ180mm (7inch)
LTR18
Reel (
φ180mm) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
Part No.
Resistance tolerance
Code
Packaging specifications
Reel
Packaging Specifications Code
D(
±0.5%) F(±1%)
J(
±5%)
5,000
Basic ordering unit
(pcs)


Similar Part No. - LTR18EZPFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
LTR18EZPF ROHM-LTR18EZPF Datasheet
96Kb / 5P
   High Power Chip Resistors
LTR18EZPFL1R0 ROHM-LTR18EZPFL1R0 Datasheet
643Kb / 7P
   High power thick film shunt resistors
2021.06
LTR18EZPFLR047 ROHM-LTR18EZPFLR047 Datasheet
947Kb / 8P
   High Power Thick Film Shunt Resistors / Wide terminal type
2022.12 - Rev.017
LTR18EZPFS1R0 ROHM-LTR18EZPFS1R0 Datasheet
643Kb / 7P
   High power thick film shunt resistors
2021.06
LTR18EZPFSR047 ROHM-LTR18EZPFSR047 Datasheet
947Kb / 8P
   High Power Thick Film Shunt Resistors / Wide terminal type
2022.12 - Rev.017
More results

Similar Description - LTR18EZPFJ

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SC3 WELWYN-SC3 Datasheet
600Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2512 BOURNS-CRM2512 Datasheet
385Kb / 2P
   High power chip resistors
CRM1206 BOURNS-CRM1206 Datasheet
204Kb / 2P
   High power chip resistors
logo
TT Electronics.
SCW-SC3LF-100R TTELEC-SCW-SC3LF-100R Datasheet
986Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2010 BOURNS-CRM2010 Datasheet
228Kb / 2P
   High power chip resistors
logo
Rohm
LTR10 ROHM-LTR10_10 Datasheet
140Kb / 4P
   High Power Chip Resistors
logo
TT Electronics.
SC3 TTELEC-SC3_17 Datasheet
1Mb / 3P
   High Power Chip Resistors
logo
Rohm
LTR50 ROHM-LTR50_10 Datasheet
141Kb / 4P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM0805 BOURNS-CRM0805 Datasheet
168Kb / 2P
   High power chip resistors
logo
TT Electronics.
SCW-SC3LF-2R70 TTELEC-SCW-SC3LF-2R70 Datasheet
986Kb / 3P
   High Power Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com