Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSH2004-AA20A Datasheet(PDF) 1 Page - Rohm

Part # LSH2004-AA20A
Description  Contact Image Sensor Heads for narrow-width scanners
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LSH2004-AA20A Datasheet(HTML) 1 Page - Rohm

  LSH2004-AA20A_11 Datasheet HTML 1Page - Rohm LSH2004-AA20A_11 Datasheet HTML 2Page - Rohm LSH2004-AA20A_11 Datasheet HTML 3Page - Rohm LSH2004-AA20A_11 Datasheet HTML 4Page - Rohm LSH2004-AA20A_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.03 - Rev.B
Contact Image Sensor Heads for narrow-width scanners
LSH2004-AA20A
Compatible with A6 size media, feature a dual-arch structure, allowing straight pass reading (both-directions). In addition, they
are compact, measuring only 119.5mm in length.
Applications
Check readers, card scanners, and a variety of other image input devices.
Features
1) Signal amplifier integrated into each sensor IC in order to eliminate external noise ; compatible with 3.3V interface.
2) LED light source mounted on the same substrate as the sensor chip itself, resulting in a more compact, lightweight package.
3) Proprietary prism maintains a uniform output signal.
4) Ceramic substrate used, ensuring excellent dimensional and thermal stability.
Dimensions (Unit : mm)
Pin No.
Signal
(NOTE 2)
Socket Housing:IL-Z-9S-S125C3(JAE)
Socket Contact:IL-Z-C3-A-15000(JAE)
(NOTE 1)
Deflection at the top of glass:0-0.25
Projection to platen is positive.
Pin No.
Signal
No.1
No.2
No.3
No.4
No.5
No.7
No.8
No.9
No.6
CLK
SP
VDD
GND
Ao
RLED
GLED
BLED
VLED
φ2±0.05
(Depth 1)
60±0.3
29.75±0.3
No.1 Pixel
CL
A
3.96±0.5
109.6 (Effectiv Reading Width :104.6)
119.5±0.3
(12.9)
No.1
No.9
15.5±1
25±1
(3.8)
5±0.1
10.7±0.4


Similar Part No. - LSH2004-AA20A_11

ManufacturerPart #DatasheetDescription
logo
Rohm
LSH2004-AA20A ROHM-LSH2004-AA20A Datasheet
164Kb / 5P
   Multi line sensor heads for narrow-width scanners
More results

Similar Description - LSH2004-AA20A_11

ManufacturerPart #DatasheetDescription
logo
Rohm
LSH3004-AA20A ROHM-LSH3004-AA20A_11 Datasheet
899Kb / 4P
   Contact Image Sensor Heads for narrow-width scanners
LSH1004-AB10A ROHM-LSH1004-AB10A_11 Datasheet
905Kb / 5P
   Contact Image Sensor Heads for narrow-width scanners
LSH2004-AA10A ROHM-LSH2004-AA10A_11 Datasheet
915Kb / 4P
   Contact Image Sensor Heads for narrow-width scanners
LSH2004-AA30A ROHM-LSH2004-AA30A_11 Datasheet
900Kb / 5P
   Contact Image Sensor Heads for narrow-width scanners
LSH3004-AA10A ROHM-LSH3004-AA10A_11 Datasheet
898Kb / 4P
   Contact Image Sensor Heads for narrow-width scanners
IA3004-CE20A ROHM-IA3004-CE20A Datasheet
75Kb / 5P
   Image sensor heads for narrow-width scanners
IA2004-CE10A ROHM-IA2004-CE10A Datasheet
62Kb / 5P
   Image sensor heads for narrow-width scanners
IA2004-CE50A ROHM-IA2004-CE50A Datasheet
78Kb / 5P
   Image sensor heads for narrow-width scanners
IA3004-ME10A ROHM-IA3004-ME10A Datasheet
63Kb / 5P
   Image sensor heads for narrow-width scanners
IA2004-ME32A ROHM-IA2004-ME32A Datasheet
65Kb / 5P
   Image sensor heads for narrow-width scanners
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com