Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP6.5CA Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 3KP6.5CA
Description  3000Watts Transient Voltage Suppressor 5.0 to 220 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

3KP6.5CA Datasheet(HTML) 2 Page - Micro Commercial Components

  3KP6.5CA Datasheet HTML 1Page - Micro Commercial Components 3KP6.5CA Datasheet HTML 2Page - Micro Commercial Components 3KP6.5CA Datasheet HTML 3Page - Micro Commercial Components 3KP6.5CA Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3KP Series
MCC
TM
Micro Commercial Components
UNI-POLAR
BI-POLAR
3KP5.0A
3KP5.0CA
5.0
6.40
7.00
50
9.2
326.1
5000
3KP6.0A
3KP6.0CA
6.0
6.67
7.37
50
10.3
291.3
5000
3KP6.5A
3KP6.5CA
6.5
7.22
7.98
50
11.2
267.9
2000
3KP7.0A
3KP7.0CA
7.0
7.78
8.60
50
12.0
250.0
1000
3KP7.5A
3KP7.5CA
7.5
8.33
9.21
5
12.9
232.6
250
3KP8.0A
3KP8.0CA
8.0
8.89
9.83
5
13.6
220.6
150
3KP8.5A
3KP8.5CA
8.5
9.44
10.40
5
14.4
208.3
50
3KP9.0A
3KP9.0CA
9.0
10.00
11.10
5
15.4
194.8
20
3KP10A
3KP10CA
10.0
11.10
12.30
5
17.0
176.5
15
3KP11A
3KP11CA
11.0
12.20
13.50
5
18.2
164.8
10
3KP12A
3KP12CA
12.0
13.30
14.70
5
19.9
150.8
10
3KP13A
3KP13CA
13.0
14.40
15.90
5
21.5
139.5
10
3KP14A
3KP14CA
14.0
15.60
17.20
5
23.2
129.3
10
3KP15A
3KP15CA
15.0
16.70
18.50
5
24.4
123.0
10
3KP16A
3KP16CA
16.0
17.80
19.70
5
26.0
115.4
10
3KP17A
3KP17CA
17.0
18.90
20.90
5
27.6
108.7
10
3KP18A
3KP18CA
18.0
20.00
22.10
5
29.2
102.7
10
3KP20A
3KP20CA
20.0
22.20
24.50
5
32.4
92.6
10
3KP22A
3KP22CA
22.0
24.40
26.90
5
35.5
84.5
10
3KP24A
3KP24CA
24.0
26.70
29.50
5
38.9
77.1
10
3KP26A
3KP26CA
26.0
28.90
31.90
5
42.1
71.3
10
3KP28A
3KP28CA
28.0
31.10
34.40
5
45.4
66.1
10
3KP30A
3KP30CA
30.0
33.30
36.80
5
48.4
62.0
10
3KP33A
3KP33CA
33.0
36.70
40.60
5
53.3
56.3
10
3KP36A
3KP36CA
36.0
40.00
44.20
5
58.1
51.6
10
3KP40A
3KP40CA
40.0
44.40
49.10
5
64.5
46.5
10
3KP43A
3KP43CA
43.0
47.80
52.80
5
69.4
43.2
10
3KP45A
3KP45CA
45.0
50.00
55.30
5
72.7
41.3
10
3KP48A
3KP48CA
48.0
53.30
58.90
5
77.4
38.8
10
3KP51A
3KP51CA
51.0
56.70
62.70
5
82.4
36.4
10
3KP54A
3KP54CA
54.0
60.00
66.30
5
87.1
34.4
10
3KP58A
3KP58CA
58.0
64.40
71.20
5
93.6
32.1
10
3KP60A
3KP60CA
60.0
66.70
73.70
5
96.8
31.0
10
3KP64A
3KP64CA
64.0
71.10
78.60
5
103.0
29.1
10
3KP70A
3KP70CA
70.0
77.80
86.00
5
113.0
26.5
10
3KP75A
3KP75CA
75.0
83.30
92.10
5
121.0
24.8
10
3KP78A
3KP78CA
78.0
86.70
95.80
5
126.0
23.8
10
3KP85A
3KP85CA
85.0
94.40
104.00
5
137.0
21.9
10
3KP90A
3KP90CA
90.0
100.00
111.00
5
146.0
20.5
10
3KP100A
3KP100CA
100.0
111.00
123.00
5
162.0
18.5
10
3KP110A
3KP110CA
110.0
122.00
135.00
5
177.0
16.9
10
3KP120A
3KP120CA
120.0
133.00
147.00
5
193.0
15.5
10
3KP130A
3KP130CA
130.0
144.00
159.00
5
209.0
14.4
10
3KP150A
3KP150CA
150.0
167.00
185.00
5
243.0
12.3
10
3KP160A
3KP160CA
160.0
178.00
197.00
5
259.0
11.6
10
3KP170A
3KP170CA
170.0
189.00
209.00
5
275.0
10.9
10
3KP180A
3KP180CA
180.0
200.00
221.00
5
289.0
10.4
10
3KP190A
3KP190CA
190.0
211.00
233.00
5
310.0
9.7
10
3KP200A
3KP200CA
200.0
222.00
246.00
5
329.2
9.1
10
3KP210A
3KP210CA
210.0
233.00
258.00
5
349.5
8.6
10
3KP220A
3KP220CA
220.0
244.00
270.00
5
371.1
8.1
10
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM IR
A)
3KP
PART NUMBER
www.mccsemi.com
2 of 4
Revision: A
2011/01/01


Similar Part No. - 3KP6.5CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP6.5CA PANJIT-3KP6.5CA Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Ruilongyuan Electronics...
3KP6.5CA RUILON-3KP6.5CA Datasheet
763Kb / 7P
   Transient Voltage Suppressors
logo
Shanghai Yint Electroni...
3KP6.5CA YINT-3KP6.5CA Datasheet
902Kb / 5P
   3KP Transient Voltage Suppressor Diode Series
logo
Surge Components
3KP6.5CA SURGE-3KP6.5CA Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Socay Electornics Co., ...
3KP6.5CA SOCAY-3KP6.5CA Datasheet
485Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

Similar Description - 3KP6.5CA

ManufacturerPart #DatasheetDescription
logo
StarHope
3KP SPSEMI-3KP Datasheet
429Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
logo
Zibo Seno Electronic En...
SMDJ ZSELEC-SMDJ Datasheet
81Kb / 5P
   5.0 to 170Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
P5KE5.0 MCC-P5KE5.0_11 Datasheet
393Kb / 8P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com