Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KP220A Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 15KP220A
Description  15000 Watts Transient Voltage Suppressor 17 to 280 Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

15KP220A Datasheet(HTML) 3 Page - Micro Commercial Components

  15KP220A Datasheet HTML 1Page - Micro Commercial Components 15KP220A Datasheet HTML 2Page - Micro Commercial Components 15KP220A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 3
3
Device
Packing
Part Number-TP
Tape&Reel: 500pcs/Reel
Part Number-AP
Ammo Packing: 450pcs/Ammo Box
Part Number-BP
Bulk: 4.8Kpcs/Carton
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.


Similar Part No. - 15KP220A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP220A EIC-15KP220A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
15KP220A DIGITRON-15KP220A Datasheet
166Kb / 4P
   15,000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
15KP220A MICROSEMI-15KP220A Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
List of Unclassifed Man...
15KP220A ETC2-15KP220A Datasheet
318Kb / 4P
   Transient Voltage Suppressor
logo
Littelfuse
15KP220A LITTELFUSE-15KP220A Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
More results

Similar Description - 15KP220A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
logo
Leshan Radio Company
15KW LRC-15KW Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
StarHope
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
logo
E-CMOS Corporation
15KPA E-CMOS-15KPA Datasheet
378Kb / 3P
   Reverse Voltage: 17 to 280 V Peak Pulse Power: 15000 W
logo
Micro Commercial Compon...
30KP28A MCC-30KP28A Datasheet
237Kb / 3P
   30000 Watts Transient Voltage Suppressor 28 to 288 Volt
30KP28 MCC-30KP28_15 Datasheet
319Kb / 4P
   30000 Watts Transient Voltage Suppressor 28 to 288 Volt
logo
StarHope
10KPA SPSEMI-10KPA Datasheet
533Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-17 TO 280 Volts
15KPA SPSEMI-15KPA Datasheet
622Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
logo
Pan Jit International I...
15KP PANJIT-15KP Datasheet
63Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power)
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com