Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM393WPT Datasheet(PDF) 16 Page - Rohm

Part # LM393WPT
Description  SIGNATURE SERIES Comparators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393WPT Datasheet(HTML) 16 Page - Rohm

Back Button LM393WPT Datasheet HTML 10Page - Rohm LM393WPT Datasheet HTML 11Page - Rohm LM393WPT Datasheet HTML 12Page - Rohm LM393WPT Datasheet HTML 13Page - Rohm LM393WPT Datasheet HTML 14Page - Rohm LM393WPT Datasheet HTML 15Page - Rohm LM393WPT Datasheet HTML 16Page - Rohm LM393WPT Datasheet HTML 17Page - Rohm LM393WPT Datasheet HTML 18Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Technical Note
16/17
LM393DT,LM393PT,LM393ST,LM393WDT,LM393WPT,
LM2903DT,LM2903PT,LM339DT,LM339PT,LM2901DT,LM2901PT
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Ordering part number
L
M
3
3
9
W
D
T
Family name
LM393
LM339
LM2901
LM2903
ESD Tolerance
applicable
W : 2kV
None : Normal
Package type
D : S.O package
P : TSSOP
S : Mini SO
Packaging and forming specification
T: Embossed tape and reel
(Unit : mm)
S.O package14
(Unit : mm)
7
1
8
14
(Max 9.0 include BURR)
+6
°
−4°
1PIN MARK
0.42
−0.04
+0.05
0.22
+ 0.05
−0.03
0.515
8.65
±0.1
4
°
1.27
0.08 M
0.08 S
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
2500pcs
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
()
Direction of feed
Reel
1pin
(Unit : mm)
TSSOP14
0.08 S
S
0.08 M
8
7
1
14
(Max 5.35 include BURR)
1PIN MARK
0.245
+0.05
−0.04
0.65
0.145
+0.05
−0.03
±4
4
0.55
5.0
±0.1
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
2500pcs
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
()
Direction of feed
Reel
1pin
(Unit : mm)
TSSOP8
0.08 S
0.08 M
4
± 4
234
8765
1
1PIN MARK
0.525
0.245
+0.05
−0.04
0.65
0.145
+0.05
−0.03
3.0
±0.1
(MAX 3.35 include BURR)
S
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
2500pcs
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
()
Direction of feed
Reel
1pin


Similar Part No. - LM393WPT

ManufacturerPart #DatasheetDescription
logo
Rohm
LM393WPT ROHM-LM393WPT Datasheet
307Kb / 6P
   SILICON MONNOLITHIC INTEGRATED CIRCUIT
LM393WPT ROHM-LM393WPT Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
More results

Similar Description - LM393WPT

ManufacturerPart #DatasheetDescription
logo
Rohm
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM358DT ROHM-LM358DT_11 Datasheet
974Kb / 18P
   SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
logo
ATMEL Corporation
AT90SP0801 ATMEL-AT90SP0801 Datasheet
100Kb / 12P
   Secure Signature Generation Chip
logo
Rohm
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
   TROPHY SERIES Comparators
LM393MX ROHM-LM393MX_11 Datasheet
709Kb / 17P
   NOW SERIES Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
   Comparators
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
   Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com