Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM393DGKR Datasheet(PDF) 12 Page - Rohm

Part # LM393DGKR
Description  TROPHY SERIES Comparators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393DGKR Datasheet(HTML) 12 Page - Rohm

Back Button LM393DGKR Datasheet HTML 8Page - Rohm LM393DGKR Datasheet HTML 9Page - Rohm LM393DGKR Datasheet HTML 10Page - Rohm LM393DGKR Datasheet HTML 11Page - Rohm LM393DGKR Datasheet HTML 12Page - Rohm LM393DGKR Datasheet HTML 13Page - Rohm LM393DGKR Datasheet HTML 14Page - Rohm LM393DGKR Datasheet HTML 15Page - Rohm LM393DGKR Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Technical Note
12/17
LM393DR/PWR/DGKR,LM2903DR/PWR/DGKR/VQDR/VQPWR
LM339DR/PWR,LM2901DR/PWR/VQDR/VQPWR
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Circuit Diagram
Fig.87 Circuit Diagram (each Comparator)
Measurement circuit 1 NULL Method measurement condition
Vcc,GND,EK,VICR Unit:[V]
Parameter
VF
S1
S2
S3
LM393/LM339 family
LM2903/LM2901 family
Calculation
Vcc
GND
EK
VICR
Vcc
GND
EK
VICR
Input Offset Voltage
VF1
ON
ON
ON 5 to 30
0
-1.4
0
5 to 30
0
-1.4
0
1
Input Offset Current
VF2 OFF OFF
ON
5
0
-1.4
0
5
0
-1.4
0
2
Input Bias Current
VF3 OFF
ON
ON
5
0
-1.4
0
5
0
-1.4
0
3
VF4
ON
OFF
5
0
-1.4
0
5
0
-1.4
0
Large Signal
Voltage Gain
VF5
ON
ON
ON
15
0
-1.4
0
15
0
-1.4
0
4
VF6
15
0
-11.4
0
15
0
-11.4
0
Calculation
1.Input offset voltage (VIO)
2.Input offset current (IIO)
3.Input bias current (IIb)
4.Large signal differential voltage gain (AVD)
[V]
/Rs
Rf
1+
VF1
Vio 
/ Rs)
Rf
(1+
Ri
VF1
VF2 -
Iio 
[A]
VF6 - VF5
/Rs)
Rf
(1+
Log
20×
10×
AV
[dB]
Fig.88 Measurement Circuit1 (each Comparator)
/
Rf
(1+
Ri
VF3
VF4 -
Ib
[A]
/ Rs)
Vcc
0.1[μF]
Rf
50[kΩ]
S1
Ri=10[kΩ]
RS=50[Ω]
S2
RL
S3
1000[pF]
500[kΩ]
500[kΩ]0.1[μF]
RK
EK
RK
+15[V]
-15[V]
NULL
V VF
DUT
GND
VRL
Ri=10[kΩ]
RS=50[Ω]
50[kΩ]
VICR
IN+
IN-
Vcc
OUT
GND


Similar Part No. - LM393DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM393DGKR TI-LM393DGKR Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM393DGKR TI-LM393DGKR Datasheet
3Mb / 55P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM393DGKR TI-LM393DGKR Datasheet
458Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM393DGKR TI1-LM393DGKR Datasheet
1Mb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM393DGKR TI-LM393DGKR Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - LM393DGKR

ManufacturerPart #DatasheetDescription
logo
Rohm
LM358DR ROHM-LM358DR Datasheet
797Kb / 18P
   TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM393MX ROHM-LM393MX_11 Datasheet
709Kb / 17P
   NOW SERIES Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
   Comparators
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
   Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
   Single Comparators
August, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com