Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM393DT Datasheet(PDF) 4 Page - Rohm

Part # LM393DT
Description  SIGNATURE SERIES Comparators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393DT Datasheet(HTML) 4 Page - Rohm

  LM393DT Datasheet HTML 1Page - Rohm LM393DT Datasheet HTML 2Page - Rohm LM393DT Datasheet HTML 3Page - Rohm LM393DT Datasheet HTML 4Page - Rohm LM393DT Datasheet HTML 5Page - Rohm LM393DT Datasheet HTML 6Page - Rohm LM393DT Datasheet HTML 7Page - Rohm LM393DT Datasheet HTML 8Page - Rohm LM393DT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Technical Note
4/17
LM393DT,LM393PT,LM393ST,LM393WDT,LM393WPT,
LM2903DT,LM2903PT,LM339DT,LM339PT,LM2901DT,LM2901PT
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Reference Data LM393 family
Output Sink Current – Ambient
Temperature
(VOUT=1.5[V])
Low Level Output Voltage
– Output Sink Current
(VCC=5[V])
Output Saturation Voltage
– Ambient Temperature
(IOL=4[mA])
Output Saturation Voltage
– Supply Voltage
(IOL=4[mA])
Supply Current – Supply Voltage
Supply Current – Ambient Temperature
Fig.1
Fig.2
Fig. 3
0
100
200
300
400
500
0
1020
30
4050
607080
AMBIENT TEMPERATURE [℃]
0
0.2
0.4
0.6
0.8
1
0
10
203040
506070
80
AMBIENT TEMPER ATURE [℃]
0
0.2
0.4
0.6
0.8
1
0
10
203040
SUPPLY VOLTAGE [V]
0
200
400
600
800
1000
025
50
75
100
125
AMBIENT TEMPERATURE [℃] .
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
10 1214 1618 20
OUTPUT SINK CURRENT [mA]
LM393 family
2V
36V
5V
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
1020
3040
SUPPLY VOLTAGE [V]
70℃
25℃
0℃
LM393 family
Input Offset Current – Supply Voltage
0
20
40
60
80
100
120
140
160
010
20
30
40
SUPPLY VOLTAGE [V]
LM393 family
Input Bias Current – Supply Voltage
0℃
25℃
70℃
0
20
40
60
80
100
120
140
160
0
10
2030
4050
6070
80
AMBIENT TEMPERATURE [℃]
Input Bias Current – Ambient Temperature
2V
5V
36V
LM393 family
-8
-6
-4
-2
0
2
4
6
8
0
1020
30
4050
6070
80
AMBIENT TEMPERATURE [℃]
Input Offset Voltage – Ambient Temperature
2V
5V
36V
LM393 family
2V
-8
-6
-4
-2
0
2
4
6
8
0
1020
3040
SUPPLY VOLTAGE [V]
Input Offset Voltage – Supply Voltage
0℃
25℃
70℃
LM393 family
LM393 family
0℃
25℃
70℃
0
10
20
30
40
0
10
203040
50607080
AMBIEN TTEMPERATURE [℃]
36V
5V
2V
LM393 family
LM393DT
Derating Curve
LM393 family
25℃
70℃
0℃
0
100
200
300
400
500
010
20
30
40
SUPPLY VOLTAGE [V]
LM393 family
0℃
25℃
70℃
Fig.4
Fig. 5
Fig. 6
Fig. 7
Fig. 8
Fig. 9
Fig. 10
Fig. 11
Fig. 12
(*)The data above is ability value of sample, it is not guaranteed. LM393family: 0[℃]~+70[℃]
70
5V
36V
LM393 family
LM393 family
LM393PT
LM393ST


Similar Part No. - LM393DT

ManufacturerPart #DatasheetDescription
logo
Rohm
LM393DT ROHM-LM393DT Datasheet
307Kb / 6P
   SILICON MONNOLITHIC INTEGRATED CIRCUIT
logo
STMicroelectronics
LM393DT STMICROELECTRONICS-LM393DT Datasheet
264Kb / 7P
   Low Power Dual Voltage Comparators
LM393DT STMICROELECTRONICS-LM393DT Datasheet
234Kb / 15P
   Low power dual voltage comparators
logo
Rohm
LM393DT ROHM-LM393DT Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
logo
STMicroelectronics
LM393DT STMICROELECTRONICS-LM393DT Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
More results

Similar Description - LM393DT

ManufacturerPart #DatasheetDescription
logo
Rohm
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM358DT ROHM-LM358DT_11 Datasheet
974Kb / 18P
   SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
logo
ATMEL Corporation
AT90SP0801 ATMEL-AT90SP0801 Datasheet
100Kb / 12P
   Secure Signature Generation Chip
logo
Rohm
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
   TROPHY SERIES Comparators
LM393MX ROHM-LM393MX_11 Datasheet
709Kb / 17P
   NOW SERIES Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
   Comparators
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
   Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com