Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3Y48 Datasheet(PDF) 1 Page - Sharp Corporation

Part # IR3Y48
Description  CCD Signal Process & Digital Interface IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IR3Y48 Datasheet(HTML) 1 Page - Sharp Corporation

  IR3Y48 Datasheet HTML 1Page - Sharp Corporation IR3Y48 Datasheet HTML 2Page - Sharp Corporation IR3Y48 Datasheet HTML 3Page - Sharp Corporation IR3Y48 Datasheet HTML 4Page - Sharp Corporation IR3Y48 Datasheet HTML 5Page - Sharp Corporation IR3Y48 Datasheet HTML 6Page - Sharp Corporation IR3Y48 Datasheet HTML 7Page - Sharp Corporation IR3Y48 Datasheet HTML 8Page - Sharp Corporation IR3Y48 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
DESCRIPTION
The IR3Y48M is a CMOS single-chip signal
processing IC for CCD area sensors which includes
correlated double sampling circuit (CDS), clamp
circuit, automatic gain control amplifier (AGC),
reference voltage generator, black level detection
circuit, 20 MHz 10-bit analog-to-digital converter
(ADC), timing circuit for internally required pulses,
and serial interface for internal circuits.
FEATURES
• Low power consumption :
110 mW (TYP.) at 20 MHz mode
• Wide AGC range : 0 to 36 dB
(Gain step : 0.094 dB/step)
• High speed sample-and-hold circuits :
pulse width 10 ns (MIN.)
• Power save operation :
84 mW (TYP.) at 15 MHz mode
• Standby mode : less than 0.3 mW
• Built-in serial interface
• 10-bit ADC operating up to 20 MHz
– Non-linearity
DNL : 0.6 LSB (TYP.)
INL : 1.5 LSB (TYP.)
• Maximum input level of CCD signals : 1.1 Vp-p
• Accepts a direct signal input to ADC or AGC
(input level : 1 Vp-p (TYP.))
• Single +3 V power supply
• Package :
48-pin QFP (QFP048-P-0707) 0.5 mm pin-pitch
PIN CONNECTIONS
IR3Y48M
CCD Signal Process & Digital Interface IC
IR3Y48M
1
48 47 46 45 44 43 42 41 40 39
37
13 14 15 16 17 18 19 20 21 22 23 24
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
NC
AVDD4
NC
VRN
VRP
AVDD2
AVDD2
AVSS2
AVSS2
VCOM
CCDIN
REFIN
OP
RESETN
AVDD3
AVSS3
STBYN
CSN
SDATA
SCK
OBP
CCDCLP
BLK
ADCLP
38
48-PIN QFP
TOP VIEW
(QFP048-P-0707)


Similar Part No. - IR3Y48

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IR3Y48A1 SHARP-IR3Y48A1 Datasheet
195Kb / 34P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
More results

Similar Description - IR3Y48

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IR3Y48A1 SHARP-IR3Y48A1 Datasheet
195Kb / 34P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
IR3Y38M SHARP-IR3Y38M Datasheet
152Kb / 21P
   CCD Signal Process & Digital Interface IC
logo
Agamem Microelectronic ...
AA88048 AGAMEM-AA88048 Datasheet
50Kb / 1P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
logo
Sanyo Semicon Device
LC99063-LF2 SANYO-LC99063-LF2 Datasheet
121Kb / 8P
   CCD Digital Signal Processing IC
logo
List of Unclassifed Man...
HD49801FB ETC1-HD49801FB Datasheet
185Kb / 43P
   Digital Signal Processing IC for CCD Cameras
logo
Holtek Semiconductor In...
HT82V863R HOLTEK-HT82V863R Datasheet
2Mb / 17P
   CCD Digital Signal Processor
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0872-000E AVAGO-HCPL-0872-000E Datasheet
212Kb / 12P
   Digital Interface IC
HCPL-0872 AVAGO-HCPL-0872 Datasheet
212Kb / 12P
   Digital Interface IC
logo
Sanyo Semicon Device
LC822152 SANYO-LC822152 Datasheet
661Kb / 11P
   CMOS IC CCD-LCD Interface ASIC
logo
Burr-Brown (TI)
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com