Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13 Datasheet(PDF) 1 Page - Meder Electronic

Part # M13
Description  Magnet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

M13 Datasheet(HTML) 1 Page - Meder Electronic

  M13 Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Magnet M13
Item:
| Email: salesasia@meder.com
2500000013
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Special Product Data
Conditions
Min
Typ
Max
Unit
Polyurethan
Sealing compound
PBT glass fibre reinforced
Housing material
white
Case color
Environmental data
Conditions
Min
Typ
Max
Unit
Operating temperature
Mag. values DIN IEC 60404-8-
Conditions
Min
Typ
Max
Unit
Energy product
(B x H) max.
Remanence
Br
Revers. temp. coeff. of Br
inclusive of 5% tolerance
Magnetic moment
AlNiCo 500 35/5
Magnet Material
axial
Direction of Magnetization
General data
Conditions
Min
Typ
Max
Unit
Housing Style/Form
!"#$%
Disk ISO 7089
Tightening torque
Modifications in the sense of technical progress are reserved
30.10.08
ALICHTENSTEIN
05
Rev. No.:
Designed by:
Last Change at:
Designed at:
Last Change by:
DKUECHLER
Approval by:
Approval by:
21.12.10
Approval at:
Approval at:


Similar Part No. - M13

ManufacturerPart #DatasheetDescription
logo
Dc Components
M13 DCCOM-M13 Datasheet
373Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
EPCOS
M13 EPCOS-M13 Datasheet
166Kb / 5P
   Ferrites and accessories
logo
List of Unclassifed Man...
M1300 ETC2-M1300 Datasheet
300Kb / 1P
   6mm HEX FEMALE STANDOFFS
logo
Pulse A Technitrol Comp...
M1300 PULSE-M1300 Datasheet
123Kb / 2P
   SMT CURRENT SENSE TRANSFORMER
logo
RAF ELECTRONIC HARDWARE
M1300-3005-AL RAF-M1300-3005-AL Datasheet
56Kb / 1P
   6 MM HEX FEMALE STANDOFFS
More results

Similar Description - M13

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
M12 MEDER-M12 Datasheet
104Kb / 1P
   Magnet
M21P-2 MEDER-M21P-2 Datasheet
103Kb / 1P
   Magnet
logo
Pepperl+Fuchs Inc.
DM06-05NDFEB PF-DM06-05NDFEB Datasheet
293Kb / 2P
   Magnet
DM60-31-15 PF-DM60-31-15 Datasheet
660Kb / 2P
   Magnet
logo
Meder Electronic
M21P-1 MEDER-M21P-1 Datasheet
118Kb / 1P
   Magnet
M05 MEDER-M05 Datasheet
121Kb / 1P
   Magnet
logo
ams AG
AS5000-MD6H-1 AMSCO-AS5000-MD6H-1 Datasheet
152Kb / 1P
   magnet
logo
Meder Electronic
M04 MEDER-M04 Datasheet
78Kb / 1P
   Magnet
M06-7 MEDER-M06-7 Datasheet
92Kb / 1P
   Magnet
M11 MEDER-M11 Datasheet
144Kb / 1P
   Magnet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com