Electronic Components Datasheet Search |
|
5.0SMLJ60A Datasheet(PDF) 1 Page - Micro Commercial Components |
|
5.0SMLJ60A Datasheet(HTML) 1 Page - Micro Commercial Components |
1 / 4 page Features Mechanical Data Terminals: solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end( cathode) except Bi-directional types. Standard packaging: 16mm tape per ( EIA 481). Weight: 0.007 ounce, 0.21 gram Maximum Ratings @ 25 oC Unless Otherwise Specified Peak Pulse Current on 10/1000us waveform(Note1) IPPM See page 2,3 Amps Peak Pulse Power Disspation on 10/1000us waveform(Note2,3) PPPM Minimum 5000 Watts Peak forward surge current (JEDEC Method) (Note 3,4) IFSM) 300.0 Amps Operation And Storage Temperature Range TJ, TSTG -55 oC to +150 oC 2. Non-repetitive current pulse and derated above TA=25 oC 3. Mounted on 8.0mm 2 copper pads to each terminal. 4. 8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses per. Minutes maximum. 5.0SMLJ11A THRU 5.0SMLJ170A Transient Voltage Suppressor 11 to 170 Volts 5000 Watt MCC DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .079 .103 2.00 2.62 B .115 .121 2.92 3.07 C .002 .008 0.051 0.203 D .006 .012 0.152 0.305 E .030 .050 0.76 1.27 F ..305 .320 7.75 8.13 G .260 .280 6.60 7.11 H .220 .245 5.59 6.22 0.070” 0.190" 0.125” SUGGESTED SOLDER PAD LAYOUT G H E D F A B C DO-214AB (SMCJ) (LEAD FRAME) For surface mount application in order to optimize board space Low profile package Glass passivated junction Excellent clamping capability Repetition Rate( duty cycle): 0.01% Fast response time: typical less than 1ps from 0V to BV min Typical ID less than 1uA above 10V High temperature soldering: 260 oC/10 seconds at terminals omponents 20736 Marilla Street Chatsworth !"# $% !"# Revision: A 20 11/01/01 UL Recognized File # E331408 TM Micro Commercial Components www.mccsemi.com 1 of 4 • Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information) Note: 1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7. • Low Inductance • Built in strain relief • Epoxy meets UL 94 V-0 flammability rating • Moisture Sensitivity Level 1 |
Similar Part No. - 5.0SMLJ60A |
|
Similar Description - 5.0SMLJ60A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |