Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXXH50N60C3 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXXH50N60C3
Description  Extreme Light Punch Through IGBT for 20-60 kHz Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXH50N60C3 Datasheet(HTML) 4 Page - IXYS Corporation

  IXXH50N60C3 Datasheet HTML 1Page - IXYS Corporation IXXH50N60C3 Datasheet HTML 2Page - IXYS Corporation IXXH50N60C3 Datasheet HTML 3Page - IXYS Corporation IXXH50N60C3 Datasheet HTML 4Page - IXYS Corporation IXXH50N60C3 Datasheet HTML 5Page - IXYS Corporation IXXH50N60C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXXH50N60C3
Fig. 11. Maximum Transient Thermal Impedance
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Pulse Width - Second
Fig. 12. Maximum Transient Thermal Impedance
a a sss
0.4
Fig. 7. Transconductance
0
4
8
12
16
20
24
28
32
0
10
203040
50
607080
90
100
IC - Amperes
TJ = - 40ºC, 25ºC, 150ºC
Fig. 10. Reverse-Bias Safe Operating Area
0
10
20
30
40
50
60
70
80
90
100
110
100
200
300
400
500
600
VCE - Volts
TJ = 150ºC
RG = 5
dv / dt < 10V / ns
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
1020
3040
5060
70
QG - NanoCoulombs
VCE = 300V
I C = 36A
I G = 10mA
Fig. 9. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres
Fig. 11. Forward-Bias Safe Operating Area
0.1
1
10
100
1000
1
10
100
1000
VDS - Volts
TJ = 175ºC
TC = 25ºC
Single Pulse
25µs
1ms
10ms
VCE(sat) Limit
DC
100µs


Similar Part No. - IXXH50N60C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH50N60C3D1 IXYS-IXXH50N60C3D1 Datasheet
201Kb / 7P
   Extreme Light Punch Through IGBT for 20-60 kHz Switching
More results

Similar Description - IXXH50N60C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH30N65C4D1 IXYS-IXXH30N65C4D1 Datasheet
218Kb / 7P
   Extreme Light Punch Through IGBT for 20-60 kHz Switching
IXXH50N60C3D1 IXYS-IXXH50N60C3D1 Datasheet
201Kb / 7P
   Extreme Light Punch Through IGBT for 20-60 kHz Switching
IXXH100N60B3 IXYS-IXXH100N60B3 Datasheet
179Kb / 6P
   Extreme Light Punch Through IGBT for 10-30 kHz Switching
IXXH30N65B4D1 IXYS-IXXH30N65B4D1 Datasheet
217Kb / 7P
   Extreme Light Punch Through IGBT for 5-30 kHz Switching
IXXH40N65B4D1 IXYS-IXXH40N65B4D1 Datasheet
233Kb / 7P
   Extreme Light Punch Through IGBT for 5-30 kHz Switching
IXXKX100N60C3H1 IXYS-IXXKX100N60C3H1 Datasheet
248Kb / 7P
   Extreme Light Punch Through IGBT for 20-60kHz Switching
IXXH100N60C3 IXYS-IXXH100N60C3 Datasheet
179Kb / 6P
   Extreme Light Punch Through IGBT for 20-60kHz Switching
IXXP12N65B4D1 IXYS-IXXP12N65B4D1 Datasheet
227Kb / 7P
   Extreme Light Punch Through IGBT for 5-30kHz Switching
MMIX1X100N60B3H1 IXYS-MMIX1X100N60B3H1 Datasheet
305Kb / 8P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
IXXN200N65A4 IXYS-IXXN200N65A4 Datasheet
179Kb / 6P
   Extreme Light Punch Through IGBT for 5-20kHz Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com